Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1M-DC1-R Datasheet(PDF) 9 Page - M-System Co.,Ltd.

Part # R1M-DC1-R
Description  Remote I/O R1M Series CONTACT OUTPUT MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R1M-DC1-R Datasheet(HTML) 9 Page - M-System Co.,Ltd.

Back Button R1M-DC1-R Datasheet HTML 2Page - M-System Co.,Ltd. R1M-DC1-R Datasheet HTML 3Page - M-System Co.,Ltd. R1M-DC1-R Datasheet HTML 4Page - M-System Co.,Ltd. R1M-DC1-R Datasheet HTML 5Page - M-System Co.,Ltd. R1M-DC1-R Datasheet HTML 6Page - M-System Co.,Ltd. R1M-DC1-R Datasheet HTML 7Page - M-System Co.,Ltd. R1M-DC1-R Datasheet HTML 8Page - M-System Co.,Ltd. R1M-DC1-R Datasheet HTML 9Page - M-System Co.,Ltd. R1M-DC1-R Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MODEL: R1M-D1
R1M-D1 SPECIFICATIONS
ES-5659 Rev.12 Page 9/10
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
■ M3 SCREW TERMINALS
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 35
T1 T2 T3 T4
T5 T6 T7
163 [6.42]
36–M3 OUTPUT TERMINALS
165 [6.50]
175 [6.89]
3–5 [.20] dia.
MTG HOLES
FOR WALL MOUNT.
6.2 [.24]
15.5 [.61]
(6 [.24])
40 [1.57]
3 [.12]
DIN RAIL
35 mm wide
■ FCN TYPE CONNECTOR
T1 T2 T3 T4
T5 T6 T7
163 [6.42]
165 [6.50]
175 [6.89]
3–5 [.20] dia.
MTG HOLES
FOR WALL MOUNT.
FCN TYPE OUTPUT CONNECTOR
(6 [.24])
40 [1.57]
40 [1.57]
Connector Pin
Assignment
A1
B1
A16 B16
CN1
CN2
See Caution below
Caution: DO NOT APPLY EXCESSIVE FORCE onto
the connector. The connector may be destroyed.
15.5 [.61]
3 [.12]
DIN RAIL
35 mm wide



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com