Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1M-A1C1-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R1M-A1C1-R
Description  Remote I/O R1M Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R1M-A1C1-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

Back Button R1M-A1C1-R Datasheet HTML 2Page - M-System Co.,Ltd. R1M-A1C1-R Datasheet HTML 3Page - M-System Co.,Ltd. R1M-A1C1-R Datasheet HTML 4Page - M-System Co.,Ltd. R1M-A1C1-R Datasheet HTML 5Page - M-System Co.,Ltd. R1M-A1C1-R Datasheet HTML 6Page - M-System Co.,Ltd. R1M-A1C1-R Datasheet HTML 7Page - M-System Co.,Ltd. R1M-A1C1-R Datasheet HTML 8Page - M-System Co.,Ltd. R1M-A1C1-R Datasheet HTML 9Page - M-System Co.,Ltd. R1M-A1C1-R Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MODEL: R1M-A1
R1M-A1 SPECIFICATIONS
ES-5661 Rev.14 Page 6/10
https://www.m-system.co.jp/
■ DATA ADDRESS
ADDRESS
TYPE
DATA
NAME
GH2
J3
A1
D1
FORMAT
Coil (0X)
1 – 32
---
---
---
Y
bit
DO *1
33 – 48
Y
---
---
---
bit
Cold junction compensation SW
(0: Disable, 1: Enable) *2
Input Status (1X)
1 – 32
Y
Y
Y
---
bit
DI *3
33 – 48
Y
Y
---
---
bit
ADC overrange
Input Register
1 – 16
Y
---
---
---
I
AI in % (1 – 8 for Type J3)
(3X)
17 – 48
Y
Y
---
---
F
AI per channel in engineering unit
49 – 50
Y
---
---
---
F
Cold junction temperature *2
81 – 96
Y
Y
---
---
I
Channel status
513
Y
Y
Y
Y
I
Bit
System Status
0 to 5
Reserved for system use
6
E2PROM diagnostics (0: Normal, 1: Error)
7
ADC error (0: Normal, 1: Error)
8 to 15 Reserved for system use
514 – 521
Y
Y
Y
Y
B16
Model No. (“R1M-x”)
522 – 529
Y
Y
Y
Y
B16
Serial No.
530 – 537
Y
Y
Y
Y
B16
Hardware version No.
538 – 545
Y
Y
Y
Y
B16
Firmware version No.
Holding Register
1 – 16
---
---
---
---
I
(Reserved for AO in %)
(4X)
17 – 48
---
---
---
---
F
(Reserved for AO in engineering unit)
145 – 160
Y
Y
---
---
I
I/O type No.
161 – 176
Y
---
---
---
I
Burnout type (161 – 168 for Type J3)
(0: No burnout, 1: Upscale, 2: Downscale) *4
I = 16-bit integer, F = 32-bit floating, B16 = 16-byte character
*1. Discrete output only.
*2. Thermocouple input only.
*3. Trigger contact input for Types GH2 and J3. (Only Address 10001 is enabled.)
*4. Same setting for all channels. For potentiometer inputs, always leave certain residual resistance at 0% side in order to
avoid wrong burnout detection. (0% input or shortcircuit across the terminals 1 – 2 = Wire breakdown at the terminal 3)
ADDRESS
DATA FORMAT
NAME
Input Status (1X)
1 – 32
bit (1 bit)
Contact Input
Input Register (3X)
1 – 32
Unsigned Long (32 bits)
Totalized Value
Holding Register (4X)
1 – 32
Unsigned Long (32 bits)
Counter Preset Value
■ DATA ADDRESS (COUNTER)
Sign
Address n+1
• 32-bit Floating
Address n
Exponent
Mantissa
Address n, High-order
• 32-bit Integer, No sign (R1M-A1)
Address n+1, Low order
High order bytes
High order bytes
Low order bytes
Low order bytes
■ INPUT DATA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com