Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRP-2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # PRP-2
Description  Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PRP-2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  PRP-2 Datasheet HTML 1Page - M-System Co.,Ltd. PRP-2 Datasheet HTML 2Page - M-System Co.,Ltd. PRP-2 Datasheet HTML 3Page - M-System Co.,Ltd. PRP-2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: PRP-2
PRP-2 SPECIFICATIONS
ES-4875 Rev.1 Page 1/4
http://www.m-system.co.jp/
Final Control Elements
SERVO-TOP II ELECTRONIC ACTUATOR
(rotary type; max. torque 600 N·m)
Functions & Features
• Control valve actuator drive
• Friendly user interface
• High resolution stepping motor
• With manual hand wheel (which does not rotate during
operation)
MODEL: PRP-2–[1][2]–[3]
ORDERING INFORMATION
• Code number: PRP-2-[1][2]-[3]
Specify a code from below for each [1] through [3].
(e.g. PRP-2-1A-K3)
• Use Ordering Information Sheet (No. ESU-4875). Factory
setting (table below) will be used if not otherwise specified.
■ STANDARD FACTORY SETTING
PARAMETER
FACTORY SETTING
Action
Reverse
Operation at input failure
Hold position at input failure
Output stem position at full-closed 0°
Output stem position at full-open
90°
Ex-factory stem position
90°
Full-closed (0°) signal position
ON at 2° or less
Full-open (90°) signal position
ON at 88° or more
Restart limiting timer
2 sec.
Resolution
1/300
[output stem operational angle: 0.3°]
[1] TORQUE, OPERATION TIME
1: 600 Nm, 50 sec./90°
2: 600 Nm, 34 sec./90°
3: 600 Nm, specified time (refer to the instruction manual)
[2] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
Voltage
6: 1 – 5 V DC (Input resistance 20 kΩ min.)
[3] POWER SUPPLY VOLTAGE
AC Power
K3: 100 – 120 V AC
(Operational voltage range 90 – 132 V, 47 – 66 Hz)
L3: 200 – 240 V AC
(Operational voltage range 180 – 264 V, 47 – 66 Hz)
RELATED PRODUCTS (Products sold separately)
• Programming Unit (model: PU-2x)
GENERAL SPECIFICATIONS
Degree of protection: IP66
Action: Reverse or direct (In "reverse" action, the output
stem turns counterclockwise (seen from the indicator) with
an input signal increase.)
Field selectable with DIP switches
Operation at input failure: Stem stop at full-open, full-close
or hold position at input failure; field selectable with DIP
switches
Minimum input signal
Current input: ≥ 2.0 mA DC
Voltage input: ≥ 0.5 V DC
Wiring conduits: G 1/2 female thread (two)
Terminal block: 8.4 mm pitch; M3.5 screw terminals (torque
0.7 to 1.1 N·m)
Housing material: Aluminum alloy (type: ADC12)
Coating: Baked acrylic resin
Drive: Stepping motor
Insulation class: E
Position detection: Potentiometer (conductive plastic type)
Full-open and full-closed positions: -5 to +95°; minimum
span 45°; field adjustable with control buttons
Full-closed signal adj.: -5 to +20°
Full-open signal adj.: 70 to 95°
Linearity resolution adj.: 1/300 to 1/1000
Restart limiting timer adj.: 0 to 30 sec.
Isolation: Signals to power to sequential signals to metallic
housing
Fuse: 3 A (replaceable)
Manual operation: Available (manual handle stem: approx.
15 turns plus 90°/output stem: 90° action)
User-configurable items:
Configurable with Programming unit (model: PU-2x)
•Full-closed/full-open signal position
•Opening/closing speed


Similar Part No. - PRP-2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
PRP-2-16-K3 MSYSTEM-PRP-2-16-K3 Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP-2-16-L3 MSYSTEM-PRP-2-16-L3 Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP-2-1A-K3 MSYSTEM-PRP-2-1A-K3 Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP-2-1A-L3 MSYSTEM-PRP-2-1A-L3 Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP-2-26-K3 MSYSTEM-PRP-2-26-K3 Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
More results

Similar Description - PRP-2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MSP6D MSYSTEM-MSP6D Datasheet
161Kb / 6P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6C MSYSTEM-MSP6C Datasheet
144Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6 MSYSTEM-MSP6 Datasheet
144Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP5D MSYSTEM-MSP5D Datasheet
166Kb / 6P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP50 MSYSTEM-MSP50 Datasheet
184Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP40 MSYSTEM-MSP40 Datasheet
187Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
PSN3 MSYSTEM-PSN3 Datasheet
205Kb / 7P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PSN1G MSYSTEM-PSN1G Datasheet
160Kb / 6P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PSN1 MSYSTEM-PSN1 Datasheet
236Kb / 8P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP MSYSTEM-PRP Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com