Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-DC64AS Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-DC64AS
Description  Remote I/O R3 Series DISCRETE OUTPUT MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-DC64AS Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-DC64AS Datasheet HTML 1Page - M-System Co.,Ltd. R3-DC64AS Datasheet HTML 2Page - M-System Co.,Ltd. R3-DC64AS Datasheet HTML 3Page - M-System Co.,Ltd. R3-DC64AS Datasheet HTML 4Page - M-System Co.,Ltd. R3-DC64AS Datasheet HTML 5Page - M-System Co.,Ltd. R3-DC64AS Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: R3-DC64A
R3-DC64A SPECIFICATIONS
ES-8413 Rev.10 Page 1/6
https://www.m-system.co.jp/
Remote I/O R3 Series
DISCRETE OUTPUT MODULE
(Do 64 points; open collector)
27.5 [1.08]
130
[5.12]
109
[4.29]
mm [inch]
MODEL: R3–DC64A[1][2]
ORDERING INFORMATION
• Code number: R3-DC64A[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3-DC64AW/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01)
NO. OF CHANNELS
64: 64
OUTPUT
A: Open collector
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Connector terminal block (model: CNT)
• Special cable with 40-pin connector (model: FCN)
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Output: 40-pin connector (Fujitsu FCN-365P040-AU)
Internal power: Via the Installation Base (model: R3-BSx)
Isolation: Do11 thru Do18 to Do21 thru Do28 to Do31 thru
Do38 to Do41 thru Do48 to Do51 thru Do58 to Do61 thru
Do68 to Do71 thru Do78 to Do81 thru Do88 to internal bus
or internal power
Output hold setting: Setting for communication error with
side DIP SW
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Green LED turns on in normal operating
conditions.
Output status indicator: Red LED; turns on with the output
ON.
Group selector: Switches the output status indicator
CN1:
A. 1 - 8: Do11 - Do18, 9 - 16: Do21 - Do28
B. 1 - 8: Do31 - Do38, 9 - 16: Do41 - Do48
CN2:
A. 1 - 8: Do51 - Do58, 9 - 16: Do61 - Do68
B. 1 - 8: Do71 - Do78, 9 - 16: Do81 - Do88
OUTPUT SPECIFICATIONS
Output: Open collector, 64 points
Isolation: Optical isolator
Common: All 8 points (8 terminals)
Common current: Max. 1 A per common
External excitation: 24 V DC ±10 %, approx. 0.04 A
Rated load voltage: 24 V DC ±10 %
Maximum load current: 0.1 A per point
Maximum rush current: 0.5 A for max. 10 msec.
Maximum leak current at OFF: 0.1 mA
Maximum voltage drop at ON: 0.1 V DC typical; 1.2 V DC
max.
(When driving an inductive load, connect a diode in parallel
with the load.)
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)


Similar Part No. - R3-DC64AS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-DC64C MSYSTEM-R3-DC64C Datasheet
148Kb / 6P
Remote I/O R3 Series
R3-DC64CS MSYSTEM-R3-DC64CS Datasheet
148Kb / 6P
Remote I/O R3 Series
R3-DC64CS/CE MSYSTEM-R3-DC64CS/CE Datasheet
148Kb / 6P
Remote I/O R3 Series
R3-DC64CS/Q MSYSTEM-R3-DC64CS/Q Datasheet
148Kb / 6P
Remote I/O R3 Series
R3-DC64CW MSYSTEM-R3-DC64CW Datasheet
148Kb / 6P
Remote I/O R3 Series
More results

Similar Description - R3-DC64AS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-DC8D MSYSTEM-R3-DC8D Datasheet
140Kb / 5P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC8 MSYSTEM-R3-DC8 Datasheet
134Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC32C MSYSTEM-R3-DC32C Datasheet
125Kb / 5P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC16C MSYSTEM-R3-DC16C Datasheet
119Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC16B MSYSTEM-R3-DC16B Datasheet
117Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC16A MSYSTEM-R3-DC16A Datasheet
117Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC16 MSYSTEM-R3-DC16 Datasheet
118Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DAC16 MSYSTEM-R3-DAC16 Datasheet
180Kb / 7P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3-SDC8 MSYSTEM-R3-SDC8 Datasheet
149Kb / 5P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3Y-DC16 MSYSTEM-R3Y-DC16 Datasheet
119Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com