Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-DC32CS Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-DC32CS
Description  Remote I/O R3 Series DISCRETE OUTPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-DC32CS Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-DC32CS Datasheet HTML 1Page - M-System Co.,Ltd. R3-DC32CS Datasheet HTML 2Page - M-System Co.,Ltd. R3-DC32CS Datasheet HTML 3Page - M-System Co.,Ltd. R3-DC32CS Datasheet HTML 4Page - M-System Co.,Ltd. R3-DC32CS Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R3-DC32C
R3-DC32C SPECIFICATIONS
ES-8348 Rev.5 Page 1/5
https://www.m-system.co.jp/
Remote I/O R3 Series
DISCRETE OUTPUT MODULE
(PNP transistor output, 32 points, shortcircuit protection)
27.5 [1.08]
130
[5.12]
109
[4.29]
mm [inch]
MODEL: R3–DC32C[1][2]
ORDERING INFORMATION
• Code number: R3-DC32C[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3-DC32CW/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01)
NO. OF CHANNELS
32: 32
OUTPUT
C: PNP transistor
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Connector terminal block (model: CNT)
• Special cable with 40-pin connector (model: FCN)
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Output: 40-pin connector (Fujitsu FCN-365P040-AU)
Internal power: Via the Installation Base (model: R3-BSx)
Isolation: Do11 thru Do18 to Do21 thru Do28 to Do31 thru
Do38 to Do41 thru Do48 to internal bus or internal power
Output hold setting: Setting for communication error with
side DIP SW
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Green LED turns on in normal operating
conditions.
Output status indicator: Red LED; turns on with the output
ON.
Group selector: Switches the output status indicator
A. 1 - 8: Do11 - Do18
9 - 16: Do21 - Do28
B. 1 - 8: Do31 - Do38
9 - 16: Do41 - Do48
OUTPUT SPECIFICATIONS
Output: Open collector, 32 points
Isolation: Optical isolator
Rated load voltage
Nominal: 19.2 to 30 V DC
Absolute: 45 V DC
Rated load current: 0.25 A per point, 1.0 A per common
Voltage drop at ON: ≤ 2.0 V
Leakage current at OFF: ≤ 0.3 mA
(24 V DC load, all points OFF)
ON delay: ≤ 1.0 msec.
OFF delay: ≤ 3.5 msec.
Shortcircuit protection: Works for 0.7 A or more;
automatically resets after recovery
(When driving an inductive load, connect a diode in parallel
with the load.)
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 150 g (0.33 lb)


Similar Part No. - R3-DC32CS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-DC32A MSYSTEM-R3-DC32A Datasheet
126Kb / 5P
Remote I/O R3 Series
R3-DC32AS MSYSTEM-R3-DC32AS Datasheet
126Kb / 5P
Remote I/O R3 Series
R3-DC32AS/CE MSYSTEM-R3-DC32AS/CE Datasheet
126Kb / 5P
Remote I/O R3 Series
R3-DC32AS/Q MSYSTEM-R3-DC32AS/Q Datasheet
126Kb / 5P
Remote I/O R3 Series
R3-DC32AW MSYSTEM-R3-DC32AW Datasheet
126Kb / 5P
Remote I/O R3 Series
More results

Similar Description - R3-DC32CS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-DC8D MSYSTEM-R3-DC8D Datasheet
140Kb / 5P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC8 MSYSTEM-R3-DC8 Datasheet
134Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC64A MSYSTEM-R3-DC64A Datasheet
148Kb / 6P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC16C MSYSTEM-R3-DC16C Datasheet
119Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC16B MSYSTEM-R3-DC16B Datasheet
117Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC16A MSYSTEM-R3-DC16A Datasheet
117Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC16 MSYSTEM-R3-DC16 Datasheet
118Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DAC16 MSYSTEM-R3-DAC16 Datasheet
180Kb / 7P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3-SDC8 MSYSTEM-R3-SDC8 Datasheet
149Kb / 5P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3Y-DC16 MSYSTEM-R3Y-DC16 Datasheet
119Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com