Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-DC32AS Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3-DC32AS
Description  Remote I/O R3 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-DC32AS Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3-DC32AS Datasheet HTML 1Page - M-System Co.,Ltd. R3-DC32AS Datasheet HTML 2Page - M-System Co.,Ltd. R3-DC32AS Datasheet HTML 3Page - M-System Co.,Ltd. R3-DC32AS Datasheet HTML 4Page - M-System Co.,Ltd. R3-DC32AS Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: R3-DC32A
R3-DC32A SPECIFICATIONS
ES-8374 Rev.12 Page 4/5
https://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Control
Circuit
3A
1A
4A
2A
5A
6A
7A
8A
10A
Do 11
Do 12
COM1
24V DC1
Do 13
Do 14
Do 15
Do 16
Do 17
Do 18
1A
2A
3A
4A
6A
5A
8A
7A
9A
20A
9A
10A
11A
12A
14A
13A
16A
15A
13A
14A
12A
15A
16A
17A
18A
19A
3B
1B
4B
2B
5B
6B
7B
8B
10B
9B
13B
11B
14B
12B
15B
16B
17B
18B
20B
19B
24V DC
L
L
L
L
L
L
L
L
11A Do 21
Do 22
COM2
24V DC2
Do 23
Do 24
Do 25
Do 26
Do 27
Do 28
24V DC
L
L
L
L
L
L
L
L
Do 31
Do 32
COM3
24V DC3
Do 33
Do 34
Do 35
Do 36
Do 37
Do 38
24V DC
L
L
L
L
L
L
L
L
1B
2B
3B
4B
6B
5B
8B
7B
Do 41
Do 42
COM4
24V DC4
Do 43
Do 44
Do 45
Do 46
Do 47
Do 48
24V DC
L
L
L
L
L
L
L
L
9B
10B
11B
12B
14B
13B
16B
15B
Output Circuit
Output Circuit
Output Circuit
Output Circuit
GROUP
SELECTOR
Numbers in italic indicate LED No.s assigned to the front panel LEDs.
Two groups selected A or B with the front switch.
* For dual redundant communication.
DIP SW
INTERNAL POWER
Communication
Circuit
RUN LED ERR LED
STATUS
INDICATOR LED
INTERNAL BUS A
* INTERNAL BUS B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com