Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-DC64CW/Q Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R3-DC64CW/Q
Description  Remote I/O R3 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-DC64CW/Q Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  R3-DC64CW/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-DC64CW/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-DC64CW/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-DC64CW/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-DC64CW/Q Datasheet HTML 5Page - M-System Co.,Ltd. R3-DC64CW/Q Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MODEL: R3-DC64C
R3-DC64C SPECIFICATIONS
ES-8349 Rev.5 Page 6/6
https://www.m-system.co.jp/
OUTPUT CONNECTOR (40-pin)
PIN NO.
ASSIGN-
MENT
PIN NO.
ASSIGN-
MENT
PIN NO.
ASSIGN-
MENT
PIN NO.
ASSIGN-
MENT
1A
Do 11
1B
Do 31
1A
Do 51
1B
Do 71
2A
Do 12
2B
Do 32
2A
Do 52
2B
Do 72
3A
Do 13
3B
Do 33
3A
Do 53
3B
Do 73
4A
Do 14
4B
Do 34
4A
Do 54
4B
Do 74
5A
Do 15
5B
Do 35
5A
Do 55
5B
Do 75
6A
Do 16
6B
Do 36
6A
Do 56
6B
Do 76
7A
Do 17
7B
Do 37
7A
Do 57
7B
Do 77
8A
Do 18
8B
Do 38
8A
Do 58
8B
Do 78
9A
COM1
9B
COM3
9A
COM5
9B
COM7
10A
24V DC1
10B
24V DC3
10A
24V DC5
10B
24V DC7
11A
Do 21
11B
Do 41
11A
Do 61
11B
Do 81
12A
Do 22
12B
Do 42
12A
Do 62
12B
Do 82
13A
Do 23
13B
Do 43
13A
Do 63
13B
Do 83
14A
Do 24
14B
Do 44
14A
Do 64
14B
Do 84
15A
Do 25
15B
Do 45
15A
Do 65
15B
Do 85
16A
Do 26
16B
Do 46
16A
Do 66
16B
Do 86
17A
Do 27
17B
Do 47
17A
Do 67
17B
Do 87
18A
Do 28
18B
Do 48
18A
Do 68
18B
Do 88
19A
COM2
19B
COM4
19A
COM6
19B
COM8
20A
24V DC2
20B
24V DC4
20A
24V DC6
20B
24V DC8
■ CN1
■ CN2
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com