Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-DC32AS/CE Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R3-DC32AS/CE
Description  Remote I/O R3 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-DC32AS/CE Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R3-DC32AS/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-DC32AS/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-DC32AS/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-DC32AS/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-DC32AS/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: R3-DC32A
R3-DC32A SPECIFICATIONS
ES-8374 Rev.12 Page 5/5
https://www.m-system.co.jp/
OUTPUT CONNECTOR (40-pin)
PIN NO.
ASSIGN-
MENT
PIN NO.
ASSIGN-
MENT
1A
Do 11
1B
Do 31
2A
Do 12
2B
Do 32
3A
Do 13
3B
Do 33
4A
Do 14
4B
Do 34
5A
Do 15
5B
Do 35
6A
Do 16
6B
Do 36
7A
Do 17
7B
Do 37
8A
Do 18
8B
Do 38
9A
COM1
9B
COM3
10A
24V DC1
10B
24V DC3
11A
Do 21
11B
Do 41
12A
Do 22
12B
Do 42
13A
Do 23
13B
Do 43
14A
Do 24
14B
Do 44
15A
Do 25
15B
Do 45
16A
Do 26
16B
Do 46
17A
Do 27
17B
Do 47
18A
Do 28
18B
Do 48
19A
COM2
19B
COM4
20A
24V DC2
20B
24V DC4
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com