Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-DAC16AS Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-DAC16AS
Description  Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-DAC16AS Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-DAC16AS Datasheet HTML 1Page - M-System Co.,Ltd. R3-DAC16AS Datasheet HTML 2Page - M-System Co.,Ltd. R3-DAC16AS Datasheet HTML 3Page - M-System Co.,Ltd. R3-DAC16AS Datasheet HTML 4Page - M-System Co.,Ltd. R3-DAC16AS Datasheet HTML 5Page - M-System Co.,Ltd. R3-DAC16AS Datasheet HTML 6Page - M-System Co.,Ltd. R3-DAC16AS Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: R3-DAC16A
R3-DAC16A SPECIFICATIONS
ES-8342 Rev.3 Page 2/7
http://www.m-system.co.jp/
Sensing: 24 V DC +10 %
ON current/resistance: ≥ 2.5 mA, ≤ 5.5 kΩ
OFF current/resistance: ≤ 1.5 mA, ≥ 7 kΩ
Detection levels
ON: ≥ 15 V
OFF: ≤ 9 V
OUTPUT SPECIFICATIONS
Output: Wet contact, 8 points
Common: All 8 points (4 terminals, common with the input)
Output voltage: 24 V DC±10 %
Max. load current: 150 mA per point, common
Load resistance: 160 Ω min.
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)
PERFORMANCE
Output ON time accuracy: Greater between ±5 % of max.
time or ±0.1 sec. setting
Data allocation: 1
Current consumption: 350 mA
Response time: ≤ 0.1 sec. (delay)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (I/O to internal
bus or internal power)
2000 V AC @ 1 minute (internal power to FG; isolated on the
power supply module)
FUNCTIONS
■OUTPUT HOLD or OUTPUT OFF
In normal conditions, the module outputs the signal from
the preferred bus A.
When an error is detected, the output is switched to the
data from the bus B.
•Output Hold
If both are in error, the module holds the signal and stands
by until one of the communications recovers.
•Output OFF
If both are in error, the module outputs OFF signals and
stands by until one of the communications recovers.
At the startup, it outputs OFF until the communication is
established and normal data is received.
■ MAX. ON POINTS AT ONCE
Function available for One-Shot Output Mode and ON/OFF
Control Output Mode.
Divide the points to be ON at once. When the total of load
current exceeds the maximum load current, "Max. ON
Points at Once" function is activated.
The number of the channel turned ON is output in order
from the lowest.
Example: Max. ON Points at Once: 1 point; One-shot ON
Time setting: 1 sec.
Ch1, 2, 4, 8 all ON: Ch1→Ch2→Ch4→Ch8 are turned ON in
this order in a total time of 4 seconds.
Note: When writing in the same channel two or more times,
check the previous output completion status to set the
output.
Ch1
4sec.
1sec.
Ch2
Ch4
Ch8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com