Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-DA64AS Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-DA64AS
Description  Remote I/O R3 Series DISCRETE INPUT MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-DA64AS Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-DA64AS Datasheet HTML 1Page - M-System Co.,Ltd. R3-DA64AS Datasheet HTML 2Page - M-System Co.,Ltd. R3-DA64AS Datasheet HTML 3Page - M-System Co.,Ltd. R3-DA64AS Datasheet HTML 4Page - M-System Co.,Ltd. R3-DA64AS Datasheet HTML 5Page - M-System Co.,Ltd. R3-DA64AS Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: R3-DA64A
R3-DA64A SPECIFICATIONS
ES-8412 Rev.11 Page 1/6
https://www.m-system.co.jp/
Remote I/O R3 Series
DISCRETE INPUT MODULE
(Di 64 points; with external excitation supply)
27.5 [1.08]
130
[5.12]
109
[4.29]
mm [inch]
MODEL: R3–DA64A[1][2]
ORDERING INFORMATION
• Code number: R3-DA64A[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3-DA64AW/12/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01)
NO. OF CHANNELS
64: 64
EXCITATION SUPPLY
A: External excitation
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS (multiple selections)
External Excitation
blank: 24 V DC
/12: 12 V DC
/5: 5 V DC
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Connector terminal block (model: CNT)
• Special cable with 40-pin connector (model: FCN)
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Input: 40-pin connector (Fujitsu Model FCN-365P040-AU)
Internal power: Via the Installation Base (model: R3-BSx)
Isolation: Di 11 thru 18 to Di 21 thru 28 to Di 31 thru 38 to
Di 41 thru 48 to Di 51 thru 58 to Di 61 thru 68 to Di 71 thru
78 to Di 81 thru 88 to internal bus or internal power
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Green LED turns on in normal operating
conditions.
Input status indicator: Red LED; turns on with the input ON.
Group selector: Switches the input status indicator
CN1:
A. 1 - 8: Di11 - Di18, 9 - 16: Di21 - Di28
B. 1 - 8: Di31 - Di38, 9 - 16: Di41 - Di48
CN2:
A. 1 - 8: Di51 - Di58, 9 - 16: Di61 - Di68
B. 1 - 8: Di71 - Di78, 9 - 16: Di81 - Di88
Read rate: 3 / 5 / 10 / 20 / 50 / 70 / 100 / 200 msec.
selectable with DIP SW
INPUT SPECIFICATIONS
Number of input: 64 points
Isolation: Optical isolator
Input resistance:
Approx. 9 kΩ (24 V DC)
Approx. 4 kΩ (12 V DC)
Approx. 1.5 kΩ (5 V DC)
Common: Positive or negative common (NPN/PNP) per 8
points
Rated input voltage
24V exc.: 24 V DC ±10 % (ripple 5 %p-p max.)
12V exc.: 12 V DC ±10 % (ripple 5 %p-p max.)
5V exc.: 5 V DC ±10 % (ripple 5 %p-p max.)
Rated input current: Approx. 3 mA
ON current/resistance:
≥ 2 mA, ≤ 3 kΩ (24 V DC)


Similar Part No. - R3-DA64AS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-DAC16 MSYSTEM-R3-DAC16 Datasheet
180Kb / 7P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3-DAC16A MSYSTEM-R3-DAC16A Datasheet
179Kb / 7P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3-DAC16AS MSYSTEM-R3-DAC16AS Datasheet
179Kb / 7P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3-DAC16AS/Q MSYSTEM-R3-DAC16AS/Q Datasheet
179Kb / 7P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3-DAC16AW MSYSTEM-R3-DAC16AW Datasheet
179Kb / 7P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
More results

Similar Description - R3-DA64AS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-DC8 MSYSTEM-R3-DC8 Datasheet
134Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC16C MSYSTEM-R3-DC16C Datasheet
119Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DAC16A MSYSTEM-R3-DAC16A Datasheet
179Kb / 7P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3-DAC16 MSYSTEM-R3-DAC16 Datasheet
180Kb / 7P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3-SDC8 MSYSTEM-R3-SDC8 Datasheet
149Kb / 5P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-SDAC16A MSYSTEM-R3-SDAC16A Datasheet
217Kb / 8P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3-SDAC16 MSYSTEM-R3-SDAC16 Datasheet
219Kb / 9P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3-SDA16 MSYSTEM-R3-SDA16 Datasheet
154Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3Y-DA16A MSYSTEM-R3Y-DA16A Datasheet
132Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3Y-DA16 MSYSTEM-R3Y-DA16 Datasheet
124Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com