Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-GC1 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3-GC1
Description  Remote I/O R3 Series CC-Link INTERFACE MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-GC1 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3-GC1 Datasheet HTML 1Page - M-System Co.,Ltd. R3-GC1 Datasheet HTML 2Page - M-System Co.,Ltd. R3-GC1 Datasheet HTML 3Page - M-System Co.,Ltd. R3-GC1 Datasheet HTML 4Page - M-System Co.,Ltd. R3-GC1 Datasheet HTML 5Page - M-System Co.,Ltd. R3-GC1 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: R3-GC1
R3-GC1 SPECIFICATIONS
ES-8462 Rev.7 Page 4/6
https://www.m-system.co.jp/
TRANSMISSION DATA DESCRIPTIONS
1
2
3
4
5
6
7
8
R3-
SV4
R3-BS08
R3-
GC1
R3-
NE1
R3-
PS1
0
15
RWrn+0
Module 1
+15
+31
0
F
0
15
E D C B A 9 8 7 6 5 4 3 2 1
RX(n+0)
Unused
Module Status
Reserved Bits
RX(n+7)
+16*m–1
• The available data area for R3-GC1 is [16*m] (m=expanded cyclic setting)
CC-Link Ver.1.10
0
F
0
15
E D C B A 9 8 7 6 5 4 3 2 1
RX(n+0)
Unused
Module Status
Reserved Bits
RX(n+m*7–1)
CC-Link Ver.2.00
0
15
RWwn+0
+15
+31
+16*m–1
Module 1
Module 2
Module 2
Module m
Module m
SLOT
REAL MODULE
VERTUAL MODULE
NO. OF WORDS
Slot No.1
R3-SV4
R3-SV4
4 Words
Slot No.2
R3-GC1
R3-GC1 (1/4)
16 Words
Slot No.3
No module
R3-GC1 (2/4)
16 Words
Slot No.4
No module
R3-GC1 (3/4)
16 Words
Slot No.5
No module
R3-GC1 (4/4)
16 Words
Slot No.6
No module
No module
----
Slot No.7
R3-NE1
R3-NE1
----
Slot No.8
R3-PS1
R3-PS1
----
■ OUTPUT DATA
The gure below shows the allocation of the data sent from
the network module to the master.
■ INPUT DATA
The gure below shows the allocation of the data sent from
the master to the network module.
Use the DIP SW located at the side of the module to specify expanded cyclic setting. 16 words input and 16 words output
make 1 cyclic. Max. 8 cyclic (128 words input, 128 words output) transmission is available. 1 cyclic is equivalent to 1 I/O
module (analog input 16 points, analog output 16 points). Max. 8 I/O modules can be assigned to 8 slots.
Note: Do not mount any modules in the slots which are occupied by virtual modules. If a real I/O module is mounted in the
slot, an internal bus error occurs and the ERR LED turns on. Max. 16 real I/O modules and virtual modules are available.
The interface module can not read the data for more than 16 modules.
■ WHEN R3-GC1 IS MOUNTED ON SLOT NO. 2 (4 CYCLIC)
Real I/O modules are mounted on Slots No. 1 and 2, however, the network module (R3-NE1) recognizes that each of Slots No. 1
to 5 is occupied. That is, R3-NE1 recognizes R3-SV4 mounted on Slot No.1 as it is and recognizes R3-GC1 mounted on Slot No.2
as divided into four modules and occupying Slots No. 2 to 5.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com