Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-GC1S/CE Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R3-GC1S/CE
Description  Remote I/O R3 Series CC-Link INTERFACE MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-GC1S/CE Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R3-GC1S/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-GC1S/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-GC1S/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-GC1S/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-GC1S/CE Datasheet HTML 5Page - M-System Co.,Ltd. R3-GC1S/CE Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MODEL: R3-GC1
R3-GC1 SPECIFICATIONS
ES-8462 Rev.7 Page 5/6
https://www.m-system.co.jp/
• CC-Link Ver.1.10
1. Module Status
RX (n + 0) 0 indicates whether a virtual I/O module is specified or not.
The virtual I/O module is a fixed one for CC-Link Ver.1.10, the related bit must be “1”.
RX (n + 0) 0
Virtual I/O module 1
2. RX (n + 1) to RX (n + 6) are not used.
3. RX (n + 7) 0 to RX (n + 7) 7 is a reservation area.
RX (n + 7) B is used as Ready signal, the bit is “1” when this module is in normal.
RX (n + 7) 8 to A, C to F are not used.
• CC-Link Ver.2.00
1. Module Status
RX (n + 0) 0 to RX (n + 0) 7 indicates whether virtual I/O modules are specified or not.
When a virtual module is specified, the related bit is “1”. When a virtual module is not specified, the related bit is “0”.
The detailed information is as shown below.
RX (n + 0) 0
Virtual I/O module 1
RX (n + 0) 1
Virtual I/O module 2
RX (n + 0) 2
Virtual I/O module 3
RX (n + 0) 3
Virtual I/O module 4
RX (n + 0) 4
Virtual I/O module 5
RX (n + 0) 5
Virtual I/O module 6
RX (n + 0) 6
Virtual I/O module 7
RX (n + 0) 7
Virtual I/O module 8
2. RX (n + 1) to RX (n + m * 7 – 2) are not used.
3. RX (n + m * 7 – 1) 0 to RX (n + m * 7 – 1) 7 is a reservation area.
RX (n + m * 7 – 1) B is used as Ready signal, the bit is “1” when this module is in normal.
RX (n + m * 7 – 1) 8 to A, C to F are not used.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
1
2
3
4
5
6
27.5 [1.08]
109 [4.29]
POSITIONING
GUIDE
TERMINAL
COVER
6–M3
SCREW



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com