Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-GC1S/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-GC1S/Q
Description  Remote I/O R3 Series CC-Link INTERFACE MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-GC1S/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-GC1S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-GC1S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-GC1S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-GC1S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-GC1S/Q Datasheet HTML 5Page - M-System Co.,Ltd. R3-GC1S/Q Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: R3-GC1
R3-GC1 SPECIFICATIONS
ES-8462 Rev.7 Page 1/6
https://www.m-system.co.jp/
Remote I/O R3 Series
CC-Link INTERFACE MODULE
(CC-Link Ver.1.10/Ver.2.00)
Functions & Features
• Enables other protocol interface modules to communicate
with CC-Link data (gateway).
• Recognized as an analog I/O mixed module by other
protocol interface modules.
Typical Applications
• A gateway for CC-Link and Modbus.
109
[4.29]
27.5 [1.08]
130
[5.12]
mm [inch]
MODEL: R3-GC1S[1]
ORDERING INFORMATION
• Code number: R3-GC1S[1]
Specify a code from below for [1].
(e.g. R3-GC1S/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01)
COMMUNICATION MODE
S: Single
[1] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
CAUTION
• When selecting network modules, note that this unit is not
designed to be used with network modules of certain types
or versions.
• This unit CANNOT be used with R3-NC2, R3-NEIP1, R3-NFx,
and R3-NLx.
• This unit CAN be used with:
R3-NM3 and R3-NML3 of firmware version V1.00 or higher;
R3-NC1, R3-NC3, R3-NDx, R3-NE1, R3-NFL1, R3-NM1,
R3-NM4, and R3-NP1 of firmware version V2.00 or higher;
and
other models of any firmware versions.
PACKAGE INCLUDES...
• Terminating resistor (110 Ω, 0.5 W)
GENERAL SPECIFICATIONS
Connection
Network: Euro type connector terminal
(applicable wire size: 0.2 to 2.5 mm2, stripped length 7
mm)
Internal bus: Via the Installation Base
(model: R3-BSx)
Internal Power: Via the Installation Base
(model: R3-BSx)
RUN contact output: M3 separable screw terminal
(torque 0.5 N·m)
Screw terminal: Nickel-plated steel
Isolation: CC-Link to internal bus or internal power to RUN
contact output
RUN indicator: Bi-color (green/red) LED
Green turns ON when CC-Link communication is normal and
fieldbus communication on the R3 Network module side is
also normal; or
Red turns ON when receiving data.
Indication selectable with DIP SW3-4.
ERR indicator: Bi-color (green/red) LED
Green turns ON/blinks in communication errors (OFF with
wire breakdown; Green blinks with setting errors); or
Red turns ON when transmitting data.
Indication selectable with DIP SW3-4.
■ RUN CONTACT OUTPUT
RUN contact: Turns on while the green RUN LED is ON
(only when CC-Link communication and the
field bus built-in the interface module are in normal).
Rated load: 250 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 0.5 A (resistive load)
(Less than 50 V AC to conform with EU Directive)
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 250 VA or 150 W
Minimum load: 1 V DC @ 1 mA


Similar Part No. - R3-GC1S/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-GD1 MSYSTEM-R3-GD1 Datasheet
146Kb / 5P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-GD1S/CE MSYSTEM-R3-GD1S/CE Datasheet
146Kb / 5P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-GD1S/Q MSYSTEM-R3-GD1S/Q Datasheet
146Kb / 5P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-GE1 MSYSTEM-R3-GE1 Datasheet
198Kb / 8P
Remote I/O R3 Series INTERFACE I/O MODULE
R3-GE1S MSYSTEM-R3-GE1S Datasheet
198Kb / 8P
Remote I/O R3 Series INTERFACE I/O MODULE
More results

Similar Description - R3-GC1S/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6N-C1 MSYSTEM-R6N-C1 Datasheet
172Kb / 6P
Remote I/O R6 Series CC-Link INTERFACE MODULE
R6N-C3 MSYSTEM-R6N-C3 Datasheet
314Kb / 9P
Remote I/O R6 Series CC-Link INTERFACE MODULE
R3-NF3 MSYSTEM-R3-NF3 Datasheet
193Kb / 7P
Remote I/O R3 Series T-Link INTERFACE MODULE
R3-NF2 MSYSTEM-R3-NF2 Datasheet
156Kb / 5P
Remote I/O R3 Series T-Link INTERFACE MODULE
R3-NF1 MSYSTEM-R3-NF1 Datasheet
183Kb / 7P
Remote I/O R3 Series T-Link INTERFACE MODULE
R3-NC3 MSYSTEM-R3-NC3 Datasheet
203Kb / 8P
Remote I/O R3 Series CC-Link INTERFACE MODULE
R3-NC2 MSYSTEM-R3-NC2 Datasheet
189Kb / 8P
Remote I/O R3 Series CC-Link INTERFACE MODULE
R3-NC1 MSYSTEM-R3-NC1 Datasheet
203Kb / 7P
Remote I/O R3 Series CC-Link INTERFACE MODULE
R5-NC1 MSYSTEM-R5-NC1 Datasheet
161Kb / 6P
Remote I/O R5 Series CC-Link INTERFACE MODULE
R6-NC1 MSYSTEM-R6-NC1 Datasheet
173Kb / 6P
Remote I/O R6 Series CC-Link INTERFACE MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com