Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-GE1S/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-GE1S/Q
Description  Remote I/O R3 Series INTERFACE I/O MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-GE1S/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-GE1S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-GE1S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-GE1S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-GE1S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-GE1S/Q Datasheet HTML 5Page - M-System Co.,Ltd. R3-GE1S/Q Datasheet HTML 6Page - M-System Co.,Ltd. R3-GE1S/Q Datasheet HTML 7Page - M-System Co.,Ltd. R3-GE1S/Q Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MODEL: R3-GE1
R3-GE1 SPECIFICATIONS
ES-8464 Rev.10 Page 1/8
https://www.m-system.co.jp/
Remote I/O R3 Series
INTERFACE I/O MODULE
(Modbus/TCP)
Functions & Features
• Enables other protocol interface modules to communicate
with Modbus/TCP data (gateway).
• Recognized as an analog I/O mixed module by other
protocol interface modules.
• Used as Modbus/TCP slave device like R3-NE1.
Typical Applications
• A gateway for CC-Link and Modbus.
109
[4.29]
27.5 [1.08]
130
[5.12]
mm [inch]
MODEL: R3-GE1S[1]
ORDERING INFORMATION
• Code number: R3-GE1S[1]
Specify a code from below for [1].
(e.g. R3-GE1S/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01)
COMMUNICATION MODE
S: Single
[1] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
CAUTION
• When selecting network modules, note that this unit is not
designed to be used with network modules of certain types
or versions.
• This unit CANNOT be used with R3-NC2, R3-NEIP1, R3-NFx,
and R3-NLx.
• This unit CAN be used with:
R3-NM3 and R3-NML3 of firmware version V1.00 or higher;
R3-NC1, R3-NC3, R3-NDx, R3-NE1, R3-NFL1, R3-NM1,
R3-NM4, and R3-NP1 of firmware version V2.00 or higher;
and
other models of any firmware versions.
RELATED PRODUCTS
• PC configurator software (model: R3CON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
Ethernet: RJ-45 Modular Jack
Internal bus: Via the Installation Base (model: R3-BSx)
Internal power: Via the Installation Base (model: R3-BSx)
RUN contact output: M3 separable screw terminal
(torque 0.5 N·m)
Screw terminal: Nickel-plated steel
Isolation: Ethernet to internal bus or internal power to RUN
contact output
RUN indicator: Bi-color (green/red) LED
Green turns ON when Modbus/TCP communication is normal
and fieldbus communication on the R3 Network module side
is also normal; or
Red turns ON when receiving data.
Indication selectable with DIP SW3-4.
ERR indicator: Bi-color (green/red) LED
Green turns ON/blinks in communication errors (OFF with
wire breakdown; Green blinks with setting errors); or
Red turns ON when transmitting data.
Indication selectable with DIP SW3-4.
Module allocation: Set with the side DIP switch.
■ RUN CONTACT OUTPUT
RUN contact: Turns on while the green RUN LED is ON (only
when Modbus/TCP communication and the field bus built-in
the interface module are in normal).
Rated load: 250 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 0.5 A (resistive load)


Similar Part No. - R3-GE1S/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-GC1 MSYSTEM-R3-GC1 Datasheet
164Kb / 6P
Remote I/O R3 Series CC-Link INTERFACE MODULE
R3-GC1S/CE MSYSTEM-R3-GC1S/CE Datasheet
164Kb / 6P
Remote I/O R3 Series CC-Link INTERFACE MODULE
R3-GC1S/Q MSYSTEM-R3-GC1S/Q Datasheet
164Kb / 6P
Remote I/O R3 Series CC-Link INTERFACE MODULE
R3-GD1 MSYSTEM-R3-GD1 Datasheet
146Kb / 5P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-GD1S/CE MSYSTEM-R3-GD1S/CE Datasheet
146Kb / 5P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
More results

Similar Description - R3-GE1S/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-GD1 MSYSTEM-R3-GD1 Datasheet
146Kb / 5P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-GM1 MSYSTEM-R3-GM1 Datasheet
204Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NMW1F MSYSTEM-R3-NMW1F Datasheet
570Kb / 12P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NM3 MSYSTEM-R3-NM3 Datasheet
221Kb / 7P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NM1 MSYSTEM-R3-NM1 Datasheet
221Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NL2 MSYSTEM-R3-NL2 Datasheet
187Kb / 6P
Remote I/O R3 Series LonWorks INTERFACE MODULE
R3-NL1 MSYSTEM-R3-NL1 Datasheet
152Kb / 5P
Remote I/O R3 Series LonWorks INTERFACE MODULE
R3-ND3 MSYSTEM-R3-ND3 Datasheet
173Kb / 7P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-ND1 MSYSTEM-R3-ND1 Datasheet
171Kb / 7P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-GSLMP1 MSYSTEM-R3-GSLMP1 Datasheet
205Kb / 10P
Remote I/O R3 Series INTERFACE I/O MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com