Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZWS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ZWS
Description  Cemented Wirewound Resistors with Lugs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZWS Datasheet(HTML) 2 Page - Vishay Siliconix

  ZWS Datasheet HTML 1Page - Vishay Siliconix ZWS Datasheet HTML 2Page - Vishay Siliconix ZWS Datasheet HTML 3Page - Vishay Siliconix ZWS Datasheet HTML 4Page - Vishay Siliconix ZWS Datasheet HTML 5Page - Vishay Siliconix ZWS Datasheet HTML 6Page - Vishay Siliconix ZWS Datasheet HTML 7Page - Vishay Siliconix ZWS Datasheet HTML 8Page - Vishay Siliconix ZWS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ZWS, ZWS E, ZWS Ni
www.vishay.com
Vishay Draloric
Revision: 19-Jul-16
2
Document Number: 21010
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• The operating temperature range for these resistors is from -55 °C up to 250 °C.
(1) Resistance values are to be selected for ± 10 % from the E12 series, and for ± 5 % and ± 2 % from the E24 series.
(2) Depending on the resistance value, limited by
ZWS 20
20 W
0.62
 to 16 k
1.3
 to 43 k
± 5 %, ± 10 %
900 V
2.7
 to 16 k
-
± 2 %
550 V
ZWS 20 E
20 W
0.62
 to 430 
1.3
 to 15 k
± 5 %, ± 10 %
500 V
ZWS 20 Ni
20 W
0.47
 to 2.7 k
1.1
 to 8.2 k
±10 %
400 V
1.0
 to 2.7 k
2.0
 to 8.2 k
± 5 %
ZWS 35
35 W
1.1
 to 30 k
2.7
 to 82 k
± 5 %, ± 10 %
1500 V
1.3
 to 30 k
-
± 2 %
1000 V
ZWS 35 E
35 W
1.1
 to 750 Ω
2.7
 to 27 k
± 5 %, ± 10 %
950 V
ZWS 35 Ni
35 W
0.91
 to 5.1 k
2.0
 to 15 k
± 5 %, ± 10 %
700 V
ZWS 50
50 W
1.3
 to 33 k
3.0
 to 91 k
± 5 %, ± 10 %
2100 V
2.2
 to 33 k
-
± 2 %
1250 V
ZWS 50 E
50 W
1.3
 to 910 Ω
3.0
 to 33 k
± 5 %, ± 10 %
1250 V
ZWS 50 Ni
50 W
1.1
 to 6.2 k
2.4
 to 16 k
± 5 %, ± 10 %
850 V
ZWS 100
100 W
2.7
 to 68 k
6.2
 to 200 k
± 5 %, ± 10 %
4450 V
-
± 2 %
2600 V
ZWS 100 E
100 W
2.7
 to 1.8 k
6.2
 to 68 k
± 5 %, ± 10 %
2600 V
ZWS 100 Ni
100 W
2.2
 to 13 k
4.7
 to 33 k
± 5 %, ± 10 %
1800 V
ZWS 150
150 W
4.7
 to 130 k
11.0
 to 360 k
± 5 %, ± 10 %
7300 V
-
± 2 %
4400 V
ZWS 150 E
150 W
4.7
 to 3.3 k
11.0
 to 120 k
± 5 %, ± 10 %
4200 V
ZWS 150 Ni
150 W
3.9
 to 22 k
9.1
 to 62 k
± 5 %, ± 10 %
3000 V
ZWS 250
250 W
8.2
 to 220 k
20.0
 to 620 k
± 5 %, ± 10 %
12400 V
-
± 2 %
7400 V
ZWS 250 E
250 W
8.2
 to 6.2 k
20.0
 to 220 k
± 5 %, ± 10 %
7400 V
ZWS 250 Ni
250 W
6.8
 to 39 k
15.0
 to 110 k
± 5 %, ± 10 %
5200 V
ZWS 30/100
75 W
2.4
 to 62 k
5.1
 to 180 k
± 5 %, ± 10 %
3650 V
3.0
 to 62 k
-
± 2 %
2150 V
ZWS 30/100 E
75 W
2.4
 to 1.6 k
5.1
 to 56 k
± 5 %, ± 10 %
2000 V
ZWS 30/100 Ni
75 W
2.0
 to 11 k
4.3
 to 30 k
± 5 %, ± 10 %
1500 V
ZWS 30/133
110 W
3.3
 to 91 k
7.5
 to 240 k
± 5 %, ± 10 %
5100 V
-
± 2 %
3150 V
ZWS 30/133 E
110 W
3.3
 to 2.4 k
7.5
 to 82 k
± 5 %, ± 10 %
3000 V
ZWS 30/133 Ni
110 W
2.7
 to 16 k
6.2
 to 43 k
± 5 %, ± 10 %
2150 V
TECHNICAL SPECIFICATION
TYPE /
VARIANT
RATED
DISSIPATION
P40
RESISTANCE RANGE (1)
TCR
-10 ppm/K to -80 ppm/K
WM50
RESISTANCE RANGE (1)
TCR
+100 ppm/K to +180 ppm/K
WM110
RESISTANCE
TOLERANCE
OPERATING
VOLTAGE (2)
Umax.
P x R



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com