Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZDA0411 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ZDA0411
Description  High Surge Axial Cemented Leaded Wirewound Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZDA0411 Datasheet(HTML) 2 Page - Vishay Siliconix

  ZDA0411 Datasheet HTML 1Page - Vishay Siliconix ZDA0411 Datasheet HTML 2Page - Vishay Siliconix ZDA0411 Datasheet HTML 3Page - Vishay Siliconix ZDA0411 Datasheet HTML 4Page - Vishay Siliconix ZDA0411 Datasheet HTML 5Page - Vishay Siliconix ZDA0411 Datasheet HTML 6Page - Vishay Siliconix ZDA0411 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Z300-Cxx
www.vishay.com
Vishay Draloric
Revision: 14-Mar-2019
2
Document Number: 21027
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Example: for a Z304-C10, 5 W resistor to withstand 10 kV surge, minimum ohmic value should be 100
. So the part number will be
Z34081831000J6DC10
Note
(1) As surge handling capacity depends upon resistor model and ohmic value, please check feasibility of resistor model, ohmic value and
desired surge handling voltage with factory (ww1resistors@vishay.com)
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: Z34081834700J6DC10
TYPE
TCR/MATERIAL
RESISTANCE
TOLERANCE
CODE
PACKAGING
CODE
SPECIAL (1)
Z310309 = Z301-C
ZDA0411 = ZDA0411-C
Z320414 = Z302-C
Z330617 = Z303-C
Z340818 = Z304-C
Z350922 = Z305-C
1 = ± 100 ppm/K
3 = ± 200 ppm/K
4 = SWI
(special winding)
3 digit value
1 digit multiplier
MULTIPLIER
7 = *10-3
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
J = ± 5.0 %
K = ± 10.0 %
(see
Packaging
table)
C04 = 4 kV surge
C06 = 6 kV surge
C08 = 8 kV surge
C10 = 10 kV surge
C12 = 12 kV surge
Product Description: Z304-C 3 470R 5 % AB G63 CD1278
Z304-C
3
470R
5 %
AB G63
CD1278
TYPE
TCR/MATERIAL
RESISTANCE
TOLERANCE
CODE
PACKAGING
DESCRIPTION
CDxxxx = speciality
Z301-C
ZDA0411-C
Z302-C
Z303-C
Z304-C
Z305-C
15R
5K6
5 %
10 %
A1 G53
AC G53
AC G73
AC G83
AB G63
AB G83
MINIMUM RESISTANCE VALUE FOR HANDLING SURGE VOLTAGE AS PER IEC 61000-4-5
(1.2 / 50 μs PULSE)
POWER
TYPE
4 kV SURGE
6 kV SURGE
8 kV SURGE
10 kV SURGE
12 kV SURGE
1 W
Z301-Cxx
430R
1K5
-
-
-
2 W
ZDA0411-Cxx
180R
510R
1K1
2K2
3K3
3 W
Z302-Cxx
62R
330R
680R
1K8
2K2
4 W
Z303-Cxx
27R
91R
220R
470R
820R
5 W
Z304-Cxx
15R
43R
82R
100R
330R
6 W
Z305-Cxx
4.7R
18R
27R
68R
130R
PACKAGING
TYPE
CODE
DESCRIPTION
QUANTITY
PACKAGING
STYLE
WIDTH
PITCH
DIMENSIONS
Z301-Cxx
21
A1 G53
1000
Taped acc. to
IEC 60286-1
fan-folded
in a box
53 mm
5 mm
84 mm x 73 mm x 326 mm
ZDA0411-Cxx
21
A1 G53
1000
84 mm x 73 mm x 326 mm
Z302-Cxx
2C
AC G53
500
53 mm
5 mm
82 mm x 29 mm x 324 mm
4C
AC G73
500
73 mm
110 mm x 76 mm x 334 mm
6C
AC G83
500
83 mm
110 mm x 87 mm x 324 mm
Z303-Cxx
2C
AC G53
500
53 mm
5 mm
82 mm x 49 mm x 324 mm
6C
AC G83
500
83 mm
10 mm
110 mm x 87 mm x 324 mm
Z304-Cxx
6D
AB G63
250
63 mm
10 mm
84 mm x 73 mm x 326 mm
6E
AB G83
250
83 mm
84 mm x 73 mm x 326 mm
Z305-Cxx
6B
AB G83
250
83 mm
10 mm
110 mm x 87 mm x 324 mm
0818
470
3
34
J6
D
0
0
Z
1
C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com