Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBG4000-R103-2EP-IO Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # OBG4000-R103-2EP-IO
Description  Retroreflective sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBG4000-R103-2EP-IO Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  OBG4000-R103-2EP-IO Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBG4000-R103-2EP-IO Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBG4000-R103-2EP-IO Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBG4000-R103-2EP-IO Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Retroreflective sensor
OBG4000-R103-2EP-IO
4
type.
Reset to Default Settings
Use the rotary switch to select the O position.
Press the "TI" button for > 10 s. The yellow and the green LEDs will both switch off.
Release the "TI" button. The yellow LED is on.
After resetting, the sensor will operate with the following default settings:
• Normal mode (N)
• Maximum sensitivity adjustment
•Dark on
• Pin 2 (white core): antivalent switching output



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com