Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBG5000-R100-E4F-V31 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # OBG5000-R100-E4F-V31
Description  Retroreflective sensor (glass)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBG5000-R100-E4F-V31 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  OBG5000-R100-E4F-V31 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBG5000-R100-E4F-V31 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBG5000-R100-E4F-V31 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBG5000-R100-E4F-V31 Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBG5000-R100-E4F-V31 Datasheet HTML 5Page - Pepperl+Fuchs Inc. OBG5000-R100-E4F-V31 Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Dimensions
21.5
11
8.7
M3 (2x)
3.2
14.5
3.2
Technical Data
General specifications
Effective detection range
0 ... 3.5 m in TEACH mode ; 0 ... 5 m at switch position "N"
Reflector distance
0 ... 3.5 m in TEACH mode ; 0 ... 5 m at switch position "N"
Threshold detection range
6 m
Reference target
H85-2 reflector
Light source
LED
Light type
modulated visible red light
LED risk group labelling
exempt group
Diameter of the light spot
approx. 170 mm at a distance of 3.5 m
Angle of divergence
approx. 5 °
Ambient light limit
EN 60947-5-2
Functional safety related parameters
MTTFd
600 a
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
0 %
Indicators/operating means
Operation indicator
Green LED: Permanently lit - power on
Flashing (4 Hz) - short circuit
Function indicator
Yellow LED:
Permanently lit - light path clear
Permanently off - object detected
Flashing (4 Hz) - insufficient operating reserve
Control elements
Teach-In key
Control elements
5-step rotary switch for operating modes selection
Retroreflective sensor (glass)
OBG5000-R100-E4F-V31
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com