Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBG5000-R100-E5F-IO Datasheet(PDF) 5 Page - Pepperl+Fuchs Inc.

Part # OBG5000-R100-E5F-IO
Description  Retroreflective sensor (glass)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBG5000-R100-E5F-IO Datasheet(HTML) 5 Page - Pepperl+Fuchs Inc.

  OBG5000-R100-E5F-IO Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBG5000-R100-E5F-IO Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBG5000-R100-E5F-IO Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBG5000-R100-E5F-IO Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBG5000-R100-E5F-IO Datasheet HTML 5Page - Pepperl+Fuchs Inc. OBG5000-R100-E5F-IO Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
X
Reflector type:
Stability control > 2
Stability control < 2
Stability control
Distance X [m]
Relative received light strength in switch position "N"
H85-2
C110-2
FE-RR1
100
10
1
2
0
1
2
3
4
5
6
7
6.4 m
6.8 m
4.8 m
VR10
2.8 m
0 m
0 m
0 m
0 m
OFR-100/100
2.2 m
0 m
1.7 m
2.3 m
4.0 m
5.6 m
5.6 m
H85-2
C110-2
FE-RR1
VR10
OFR-100/100
Accessories
V31-WM-2M-PUR
Female cordset single-ended, M8, 4-pin, PUR cable
V31-GM-2M-PUR
Female cordset single-ended, M8, 4-pin, PUR cable
REF-H85-2
Reflector, rectangular 84.5 mm x 84.5 mm, mounting holes
REF-H50
Reflector, rectangular 51 mm x 61 mm, mounting holes, fixing strap
REF-H33
Reflector with screw fixing
OFR-100/100
Reflective tape 100 mm x 100 mm
IO-Link-Master02-USB
IO-Link master, supply via USB port or separate power supply, LED indicators, M12 plug for sensor
connection
Retroreflective sensor (glass)
OBG5000-R100-E5F-IO
5
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com