Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC458 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CSC458
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC458 Datasheet(HTML) 2 Page - Continental Device India Limited

  CSC458 Datasheet HTML 1Page - Continental Device India Limited CSC458 Datasheet HTML 2Page - Continental Device India Limited CSC458 Datasheet HTML 3Page - Continental Device India Limited CSC458 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CSC458
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
IC=2mA, VCE=12V
230
MHz
Output Capacitance
Cob
IE=0, VCB=10V
f=1MHz
3.5
pF
Input Impedance
hie
16.5
K
Ω
IC=0.1mA, VCE=5V
f=270Hz
Output Admittance
hoe
11
µs
Voltage Feedback Ratio
hre
70
x10
-6
Small Signal Current Gain
| hfe |
130
Noise Figure
NF
VCE =6V,IC=0.1mA
10
d
Β
Rg=5001K
Ω , f=1KHZ
hFE CLASSIFICATION :
B :
C:
D:
100-200
160-320
250-500
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com