Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF4527100R0DEEKBA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSF4527100R0DEEKBA
Description  Metal Film Resistors, Power, Surface Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSF4527100R0DEEKBA Datasheet(HTML) 1 Page - Vishay Siliconix

  WSF4527100R0DEEKBA Datasheet HTML 1Page - Vishay Siliconix WSF4527100R0DEEKBA Datasheet HTML 2Page - Vishay Siliconix WSF4527100R0DEEKBA Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WSF
www.vishay.com
Vishay Dale
Revision: 08-Jun-2020
1
Document Number: 30104
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Metal Film Resistors, Power, Surface Mount
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
FEATURES
• Molded encapsulation
• Wraparound compliant terminations eliminate
risk of solder fillet cracking
• Solderable terminations
• Excellent stability at different environmental
conditions
• High power ratings (up to 2 W)
• AEC-Q200 qualified (1)
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
Note
(1) Flame retardance test may not be applicable to
some resistor technologies
Notes
• WSF2012 has been obsoleted; PTN-DR-00013-2018 Rev. 0 - July 20, 2018. WSF2515 and WSF4527 sizes are not affected
(1) E96 values only
(2) ± 50 ppm/°C and ± 25 ppm/°C available
(3) Resistance values above 31.25 k
 are limited to 250 V maximum working voltage
Notes
• Part marking: 1/2 W - DALE, value; 1 W - model, value, tolerance, date code; 2 W - DALE, model, value, tolerance, date code
(1) Resistance values above 31.25 k
 are limited to 250 V maximum working voltage
Note
• WSF2012 has been obsoleted; PTN-DR-00013-2018 Rev. 0 - July 20, 2018. WSF2515 and WSF4527 sizes are not affected
Available
Available
Available
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
SIZE INCH
POWER RATING
P70 °C
W
TOLERANCE
± %
RESISTANCE
RANGE
TEMPERATURE
COEFFICIENT (2)
± ppm/°C
ENCAPSULATION
WSF2515
2515
1.0
0.5, 1, 5
10 to 10K
100
Thermoplastic
WSF4527
4527
2.0 (3)
0.5, 1, 5
10 to 100K
100
Thermoplastic
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
WSF2515
WSF4527
Dielectric withstanding voltage
VAC
> 500
> 500
Insulation resistance
> 109
Operating temperature range
°C
-65 / +175
-65 / +150
Maximum working voltage
V
(P x R)1/2
(P x R)1/2 (1)
Weight/1000 pieces (typical)
g
165
760
GLOBAL PART NUMBER INFORMATION
Global Part Numbering Example: WSF25151K500JKTA (preferred numbering format)
GLOBAL MODEL
VALUE
TOLERANCE
TCR
PACKAGING
SPECIAL
WSF2515
WSF4527
R = decimal
K = thousand
100R0 = 100
1K000 = 1 k
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
H = ± 3.0 %
J = ± 5.0 %
K = ± 10 %
E = ± 25 ppm/°C
H = ± 50 ppm/°C
K = ± 100 ppm/°C
EA = lead (Pb)-free,
tape / reel
EK = lead (Pb)-free, bulk
(dash number)
(up to 2 digits)
from 1 to 99 as
applicable
TA = tin / lead, tape / reel
(R86)
BA = tin / lead,
tape / reel, bulk (B43)
Historical Part Numbering Example: WSF2515 1.5 k
 5 % 100 ppm/°C R86 (will continue to be accepted for tin/lead product only)
WSF2515
1.5 k
5 %
100 ppm/°C
R86
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
TEMPERATURE
COEFFICIENT
PACKAGING
S
F
2515
1
K
5
W
00
J
K
T
A


Similar Part No. - WSF4527100R0DEEKBA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSF45N10G WIINSOK-WSF45N10G Datasheet
1Mb / 6P
N-Ch MOSFET
WSF45P06 WIINSOK-WSF45P06 Datasheet
871Kb / 5P
P-Ch MOSFET
WSF45P10 WIINSOK-WSF45P10 Datasheet
730Kb / 9P
P-Ch MOSFET
More results

Similar Description - WSF4527100R0DEEKBA

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
MF-S WELWYN-MF-S Datasheet
67Kb / 2P
Power Metal Film Resistors
logo
Riedon Powertron
PMF1 RIEDON-PMF1 Datasheet
291Kb / 1P
Power Metal Film Resistors
SF-2 RIEDON-SF-2 Datasheet
271Kb / 1P
Surface Mount / Precision Metal Film Resistors
logo
List of Unclassifed Man...
MP725 ETC2-MP725_04 Datasheet
138Kb / 1P
Surface Mount Power Film Resistors
logo
KOA Speer Electronics, ...
RN412BT KOA-RN412BT Datasheet
89Kb / 4P
Surface Mount Coat-insulated Fixed Metal Film Resistors
logo
Riedon Powertron
SF-2 RIEDON-SF-2_13 Datasheet
167Kb / 1P
Surface Mount / Precision Metal Film Resistors
logo
Vishay Siliconix
WSF VISHAY-WSF_15 Datasheet
84Kb / 3P
Metal Film Resistors, Power, Surface Mount
06-Nov-14
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
logo
Vishay Siliconix
WSF VISHAY-WSF_V01 Datasheet
92Kb / 3P
Metal Film Resistors, Power, Surface Mount
08-Jun-2020
logo
RFE international
LRT RFE-LRT Datasheet
795Kb / 8P
SURFACE MOUNT METAL FILM RESISTORS
2022.04.20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com