Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXM4AB1P7PVM Datasheet(PDF) 2 Page - Schneider Electric

Part # RXM4AB1P7PVM
Description  Harmony, Miniature plug-in relay pre-assembled, 6 A, 4 CO, with lockable test button, mixed terminals socket, 230 V AC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RXM4AB1P7PVM Datasheet(HTML) 2 Page - Schneider Electric

  RXM4AB1P7PVM Datasheet HTML 1Page - Schneider Electric RXM4AB1P7PVM Datasheet HTML 2Page - Schneider Electric RXM4AB1P7PVM Datasheet HTML 3Page - Schneider Electric RXM4AB1P7PVM Datasheet HTML 4Page - Schneider Electric RXM4AB1P7PVM Datasheet HTML 5Page - Schneider Electric RXM4AB1P7PVM Datasheet HTML 6Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Resistive rated load
6 A 250 V AC
6 A 28 V DC
Maximum switching capacity
1500 VA/168 W AC/DC
Minimum switching capacity
170 mW 10 mA, 17 V
Operating rate
<= 1200 cycles/hour under load
<= 18000 cycles/hour no-load
Mechanical durability
10000000 cycles
Electrical durability
100000 cycles resistive
Average coil consumption in W
1.2 W, AC
Drop-out voltage threshold
>= 0.3 Uc AC
Operate time
20 ms
Release time
20 ms
Average coil resistance
15000 Ohm 20 °C +/- 15 %
Rated operational voltage limits
184...253 V AC
Safety reliability data
B10d = 100000
Protection category
RT I
Test levels
Level A
Operating position
Any position
Sale per indivisible quantity
30
CAD overall width
1.06 in (26.9 mm)
CAD overall height
3.11 in (79 mm)
CAD overall depth
3.09 in (78.45 mm)
Connections - terminals
Connector, 1 x 0.25...1 x 2.5 mm² AWG 22...AWG 14) flexible with cable end
Connector, 2 x 0.25...2 x 1 mm² AWG 22...AWG 17) flexible with cable end
Connector, 1 x 0.5...1 x 2.5 mm² AWG 20...AWG 14) solid without cable end
Connector, 2 x 0.5...2 x 1.5 mm² AWG 20...AWG 16) solid without cable end
Torque value
8.85 lbf.in (1 N.m)
Net weight
0.21 lb(US) (0.096 kg)
Device presentation
Complete product
Environment
Dielectric strength
1300 V AC between contacts with micro disconnection
2000 V AC between coil and contact
2000 V AC between poles
Product certifications
CE
UL
CSA
EAC
Lloyd's
Standards
UL 508
EN/IEC 61810-1
CSA C22.2 No 14
IEC 61984
Ambient air temperature for storage
-40…185 °F (-40…85 °C)
Ambient air temperature for operation
-40…131 °F (-40…55 °C)
Vibration resistance
3 gn +/- 1 mm 10…150 Hz)5 cycles in operation
5 gn +/- 1 mm 10…150 Hz)5 cycles not operating
IP degree of protection
IP20 conforming to EN/IEC 60529
Shock resistance
10 gnin operation
30 gnnot operating
Pollution degree
2
Ordering and shipping details
Category
21127 - ZELIO ICE CUBE RELAYS
Discount Schedule
CP2
GTIN
03606489563141
Nbr. of units in pkg.
1
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com