Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXM2AB2P7PVS Datasheet(PDF) 5 Page - Schneider Electric

Part # RXM2AB2P7PVS
Description  Harmony, Miniature plug-in relay pre-assembled, 12 A, 2 CO, with LED, with lockable test button, separate terminals socket, 230 V AC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RXM2AB2P7PVS Datasheet(HTML) 5 Page - Schneider Electric

  RXM2AB2P7PVS Datasheet HTML 1Page - Schneider Electric RXM2AB2P7PVS Datasheet HTML 2Page - Schneider Electric RXM2AB2P7PVS Datasheet HTML 3Page - Schneider Electric RXM2AB2P7PVS Datasheet HTML 4Page - Schneider Electric RXM2AB2P7PVS Datasheet HTML 5Page - Schneider Electric RXM2AB2P7PVS Datasheet HTML 6Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Product data sheet
Connections and Schema
RXM2AB2P7PVS
Wiring Diagram
Symbols shown in blue correspond to Nema marking.
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com