Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-PA2S/CE Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-PA2S/CE
Description  Remote I/O R3 Series ENCODER INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-PA2S/CE Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-PA2S/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-PA2S/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-PA2S/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-PA2S/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-PA2S/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R3-PA2
R3-PA2 SPECIFICATIONS
ES-8386 Rev.10 Page 1/5
https://www.m-system.co.jp/
Remote I/O R3 Series
ENCODER INPUT MODULE
(RS-422 input; alarm output)
109
[4.29]
27.5 [1.08]
130
[5.12]
mm [inch]
MODEL: R3-PA2[1][2]
ORDERING INFORMATION
• Code number: R3-PA2[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3-PA2W/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
NO. OF CHANNELS
2: 2
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-8386)
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Input, Output: M3 separable screw terminal
(torque 0.5 N·m)
Internal power: Via the Installation Base (model: R3-BSx)
Screw terminal: Nickel-plated steel
Isolation: Input 1 to input 2 to internal bus or internal power
Alarm output: Two outputs per channel available; setpoints
are programmable for the speed or the position data by
using the R3CON PC Configurator software.
DIP switch settings:
•Input range
•Count Mode
•Alarm Contact Form
•Start Count
(Refer to the instruction manual)
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Green LED turns on in normal operating
conditions.
Low-end cutout: 0.1 %
Reset input: Position data reset to ‘0’ when the external
contact is closed. (Reset count can be changed using the
R3CON PC Configurator software.)
INPUT SPECIFICATIONS
Input: RS-422 line driver, two-phase pulse (Up/down count is
not performed correctly by either phase A or phase B input)
■ENCODER PULSE INPUT
Input range: 0 – 100 kHz, 0 – 10 kHz, 0 – 1 kHz, 0 – 100 Hz,
0 – 10 Hz, 0 – 1 Hz, 0 – 0.1 Hz
Minimum pulse width requirement: 5 μsec. for both ON and
OFF
■ Reset Input (contact input)
Number of input: 1 contact per input (2 in total)
Isolation: Optical isolator + transformer (internal excitation
supply)
Input resistance: Approx. 5.9 kΩ
Common: Negative (2 terminals)
Sensing voltage: 13 V DC (max. 24 V with no load)
ON current/voltage: ≥ 1.5 mA (≥ 9V)
OFF current/voltage: ≤ 0.75 mA (≤ 4.5V)


Similar Part No. - R3-PA2S/CE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-PA16 MSYSTEM-R3-PA16 Datasheet
145Kb / 6P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
R3-PA16S MSYSTEM-R3-PA16S Datasheet
145Kb / 6P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
R3-PA16S/A MSYSTEM-R3-PA16S/A Datasheet
145Kb / 6P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
R3-PA16S/CE MSYSTEM-R3-PA16S/CE Datasheet
145Kb / 6P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
R3-PA16S/PRS MSYSTEM-R3-PA16S/PRS Datasheet
145Kb / 6P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
More results

Similar Description - R3-PA2S/CE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-DA64A MSYSTEM-R3-DA64A Datasheet
164Kb / 6P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3-MS8 MSYSTEM-R3-MS8 Datasheet
140Kb / 5P
Remote I/O R3 Series POTENTIOMETER INPUT MODULE
R3-MS4 MSYSTEM-R3-MS4 Datasheet
125Kb / 4P
Remote I/O R3 Series POTENTIOMETER INPUT MODULE
R3-SRS4A MSYSTEM-R3-SRS4A Datasheet
152Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3-SDA16 MSYSTEM-R3-SDA16 Datasheet
154Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3-RS8B MSYSTEM-R3-RS8B Datasheet
145Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3-RS8 MSYSTEM-R3-RS8 Datasheet
140Kb / 5P
Remote I/O R3 Series RTD INPUT MODULE
R3-RS4A MSYSTEM-R3-RS4A Datasheet
136Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3Y-RS8 MSYSTEM-R3Y-RS8 Datasheet
134Kb / 5P
Remote I/O R3 Series RTD INPUT MODULE
R3-TS8A MSYSTEM-R3-TS8A Datasheet
145Kb / 5P
Remote I/O R3 Series THERMOCOUPLE INPUT MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com