Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-PA2W/CE Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-PA2W/CE
Description  Remote I/O R3 Series ENCODER INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-PA2W/CE Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-PA2W/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-PA2W/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-PA2W/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-PA2W/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-PA2W/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: R3-PA2
R3-PA2 SPECIFICATIONS
ES-8386 Rev.10 Page 2/5
https://www.m-system.co.jp/
OUTPUT SPECIFICATIONS
■ALARM OUTPUT (open collector)
Number of input: 2 contacts per input (4 in total)
Isolation: Optical isolator
Rated load voltage: 24 V DC ±10 %
Max. load current: 0.1 A per point
Max. rush current: 0.5 A, ≤ 10 msec.
Leakage current at OFF: ≤ 0.1 mA
Max. voltage drop at ON: 0.6 V DC typical, 1.2 V DC
maximum
Common: Negative (2 terminals)
Common current: Max. 16 A per common
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)
PERFORMANCE
Speed conversion accuracy: ±0.1 %
Speed data range: 0 – 10000 of the input range
Position data range: -100 000 000 to +100 000 000
Data allocation: 8
Current consumption: 80 mA
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (input 1 to input
2 to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com