Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-PA2W/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3-PA2W/Q
Description  Remote I/O R3 Series ENCODER INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-PA2W/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3-PA2W/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-PA2W/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-PA2W/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-PA2W/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-PA2W/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: R3-PA2
R3-PA2 SPECIFICATIONS
ES-8386 Rev.10 Page 4/5
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
1
11
12
13
14
15
16
17
18
19
20
2
3
4
5
6
7
8
9
10
27.5 [1.08]
109 [4.29]
POSITIONING
GUIDE
TERMINAL
COVER
20–M3
SCREW
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
INTERNAL POWER
Isolation
* For dual redundant communication.
Communication
Circuit
1
+A1
15
COM1
14
COM1
13
OUT 21
12
OUT 11
11
INP 1
5
GND1
4
–B1
3
+B1
2
–A1
Control
Circuit
DIP SW
RUN LED ERR LED
RESET
ALARM 2
ALARM 1
Input 1
6
+A2
20
COM2
19
COM2
18
OUT 22
17
OUT 12
16
INP 2
10
GND2
9
–B2
8
+B2
7
–A2
RESET
ALARM 2
Input 2
Input
Circuit
Isolation
Input
Circuit
ALARM 1
INTERNAL BUS A
INTERNAL BUS B *



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com