Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-NM3-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R3-NM3-R
Description  Remote I/O R3 Series MODBUS INTERFACE MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NM3-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  R3-NM3-R Datasheet HTML 1Page - M-System Co.,Ltd. R3-NM3-R Datasheet HTML 2Page - M-System Co.,Ltd. R3-NM3-R Datasheet HTML 3Page - M-System Co.,Ltd. R3-NM3-R Datasheet HTML 4Page - M-System Co.,Ltd. R3-NM3-R Datasheet HTML 5Page - M-System Co.,Ltd. R3-NM3-R Datasheet HTML 6Page - M-System Co.,Ltd. R3-NM3-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MODEL: R3-NM3
R3-NM3 SPECIFICATIONS
ES-8330 Rev.7 Page 6/7
http://www.m-system.co.jp/
■ TEMPERATURE DATA (16-bit data, models: R3-RS4, TS4, US4, etc.)
0
15
16-bit binary data.
With °C temperature unit, raw data is multiplied by 10. For example, 25.5°C is converted into 255.
With °F temperature unit, the integer section of raw data is directly converted into the data.
For example, 135.4°F is converted into 135.
Minus temperature is converted into negative values, represented in 2’s complements.
■ ANALOG DATA (16-bit data, models: R3-CT4A, CT4B, etc.)
0
15
16-bit binary data.
Integer obtained by multiplying unit value (A) by 100.
In case of CLSE-R5, integer obtained by multiplying unit value (A) by 1000.
■ ACCUMULATED COUNT DATA (32-bit data, models: R3-PA2, PA4A, WT1, WT4, etc.)
32-bit binary data is used for accumulated counts and encoder positions.
Lower 16 bits are allocated from the lowest address to higher ones, higher 16 bits in turn.
32-bit data cannot be accessed using oating addresses.
0
15
+0
Lower 16 bits
0
15
+1
Higher 16 bits
■ BCD DATA (32-bit data, models: R3-BA32A, BC32A, etc.)
32-bit binary data is used for BCD.
Lower 16 bits are allocated from the lowest address to higher ones, higher 16 bits in turn.
32-bit data cannot be accessed using oating addresses.
0
15
+0
Lower 16 bits
0
15
+1
Higher 16 bits
■ 16-POINT DISCRETE DATA (models: R3-DA16, DC16, etc.)
0
15
Input 1 (Output 1)
Input 2 (Output 2)
Input 3 (Output 3)
:
:
Input 16 (Output 16)
0 : OFF
1 : ON



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com