Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-NM1-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3-NM1-R
Description  Remote I/O R3 Series MODBUS INTERFACE MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NM1-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3-NM1-R Datasheet HTML 1Page - M-System Co.,Ltd. R3-NM1-R Datasheet HTML 2Page - M-System Co.,Ltd. R3-NM1-R Datasheet HTML 3Page - M-System Co.,Ltd. R3-NM1-R Datasheet HTML 4Page - M-System Co.,Ltd. R3-NM1-R Datasheet HTML 5Page - M-System Co.,Ltd. R3-NM1-R Datasheet HTML 6Page - M-System Co.,Ltd. R3-NM1-R Datasheet HTML 7Page - M-System Co.,Ltd. R3-NM1-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MODEL: R3-NM1
R3-NM1 SPECIFICATIONS
ES-8354 Rev.24 Page 4/8
https://www.m-system.co.jp/
MODBUS FUNCTION CODES & SUPPORTED CODES
■ Data & Control Functions
CODE
NAME
01
Read Coil Status
X
Digital output from the slave (read/write)
02
Read Input Status
X
Status of digital inputs to the slave (read only)
03
Read Holding Registers
X
General purpose register within the slave (read/write)
04
Read Input Registers
X
Collected data from the eld by the slave (read only)
05
Force Single Coil
X
Digital output from the slave (read/write)
06
Preset Single Register
X
General purpose register within the slave (read/write)
07
Read Exception Status
08
Diagnostics
X
09
Program 484
10
Poll 484
11
Fetch Comm. Event Counter
X
Fetch a status word and an event counter
12
Fetch Comm. Event Log
X
A status word, an event counter, a message count and a eld of event bytes
13
Program Controller
14
Poll Controller
15
Force Multiple Coils
X
Digital output from the slave (read/write)
16
Preset Multiple Registers
X
General purpose register within the slave (read/write)
17
Report Slave ID
X
Slave type / ‘RUN’ status
18
Program 884/M84
19
Reset Comm. Link
20
Read General Reference
21
Write General Reference
22
Mask Write 4X Register
23
Read/Write 4X Register
24
Read FIFO Queue
■ Exception Codes
CODE
NAME
01
Illegal Function
X
Function code is not allowable for the slave
02
Illegal Data Address
X
Address is not available within the slave
03
Illegal Data Value
X
Data is not valid for the function
04
Slave Device Failure
05
Acknowledge
06
Slave Device Busy
07
Negative Acknowledge
08
Memory Parity Error
■ Diagnostic Subfunctions
CODE
NAME
00
Return Query Data
X
Loop back test
01
Restart Comm. Option
X
Reset the slave and clear all counters
02
Return Diagnostic Register
X
Contents of the diagnostic data (2 bytes)
03
Change ASCII Input Delimiter
X
Delimiter character of ASCII message
04
Force Listen Only Mode
X
Force the slave into Listen Only Mode



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com