Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-NF3-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R3-NF3-R
Description  Remote I/O R3 Series T-Link INTERFACE MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NF3-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R3-NF3-R Datasheet HTML 1Page - M-System Co.,Ltd. R3-NF3-R Datasheet HTML 2Page - M-System Co.,Ltd. R3-NF3-R Datasheet HTML 3Page - M-System Co.,Ltd. R3-NF3-R Datasheet HTML 4Page - M-System Co.,Ltd. R3-NF3-R Datasheet HTML 5Page - M-System Co.,Ltd. R3-NF3-R Datasheet HTML 6Page - M-System Co.,Ltd. R3-NF3-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: R3-NF3
R3-NF3 SPECIFICATIONS
ES-8288 Rev.2 Page 3/7
http://www.m-system.co.jp/
TRANSMISSION DATA DESCRIPTIONS
The DIP SW in the front of the module speci es I/O points, I/O type and with or without of I/O module status data setting.
I/O DATA is assigned data allocation setting from module 1 orderly.
The data of I/O module out of the setting area is invalid.
When there is I/O module status data, use the data area of the last 2 words of the input data area as the status data. When the
status data and I/O data overlap, the status data takes precedence.
For example, when the number of I/O points is “16” and SW1 and SW2 are set as shown below.
Slot 1
4
Slot 2
4
Slot 3
4
Slot 4
1
Slot 5
1
Slot 6
1
Slot 7
1
Then the I/O data are assigned as in the gures below:
■ IN THE CASE OF NO I/O MODULE STATUS (KS3: OFF)
• I/O TYPE: INPUT ONLY or OUTPUT ONLY
The side DIP SW (SW1, 2) determine data allocation of mod-
ule (number of data) per module.
The number of data set by SW1 and SW2 is assigned to trans-
mission data in order from slot 1.
0
15
+0
+2
+4
+6
+8
+10
+12
+14
Slot 1
Slot 2
Slot 3
Slot 4
Slot 5
Slot 6
Slot 7
Begin
Address
• I/O TYPE: INPUT / OUTPUT MIXED
The number of input points and the number of output points
are assigned half numbers of KS0 to 1 respectively.
The rst half of the data area is the input area and the second
half is the output area.
Please set the input module in slot 1 and 2, and output mod-
ule after slot 3.
0
15
+0
+2
+4
+6
+8
+10
+12
+14
Slot 1
Slot 2
Slot 3
Slot 4
Slot 5
Slot 6
Slot 7
Input
(8 points)
Output
(8 points)
Begin
Address



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com