Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-NF2-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-NF2-R
Description  Remote I/O R3 Series T-Link INTERFACE MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NF2-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-NF2-R Datasheet HTML 1Page - M-System Co.,Ltd. R3-NF2-R Datasheet HTML 2Page - M-System Co.,Ltd. R3-NF2-R Datasheet HTML 3Page - M-System Co.,Ltd. R3-NF2-R Datasheet HTML 4Page - M-System Co.,Ltd. R3-NF2-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: R3-NF2
R3-NF2 SPECIFICATIONS
ES-8438 Rev.4 Page 2/5
http://www.m-system.co.jp/
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (T-Link to
internal bus or internal power to power input to RUN contact
output to FG)
EXTERNAL VIEW
RUN LED
ERR LED
SW3
SA1
SA2
ON
4
3
2
1
1
2
3
4
5
6
8
7
8
7
Configuration Jack
Node Address Setting
Rotary SW (MSB)
Node Address Setting
Rotary SW (LSB)
n SIDE VIEW
n FRONT VIEW
Functions
RT+
RT–
SD
T2
T1
Euro Type
Connector Terminal
TRANSMISSION DATA DESCRIPTIONS
This module allocates T-link addresses in order from slot 1. Set the begin address to the module’s node address (T-Link address.)
For example; if the formation of the I/O modules is: slot 1: R3-SV4, slot 2: R3-YV4, slot 3: R3-DA16 and slot 4: R3-DC16, the I/O
data is assigned as detailed on the table below. Set “10” to the module address. Discrete I/O data can be also represented with
bit address. Ch.1 through 16 are assigned to 0 thr. F.
SLOT
MODULE
ADDRESS
WORD ADDRESS
CONTENTS
1
R3-SV4
10
0
CH1 input data
1
CH2 input data
2
CH3 input data
3
CH4 input data
2
R3-YV4
11
0
CH1 output data
1
CH2 output data
2
CH3 output data
3
CH4 output data
3
R3-DA16
12
0
Input data
4
R3-DC16
13
0
Output data



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com