Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-NF1-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R3-NF1-R
Description  Remote I/O R3 Series T-Link INTERFACE MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NF1-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R3-NF1-R Datasheet HTML 1Page - M-System Co.,Ltd. R3-NF1-R Datasheet HTML 2Page - M-System Co.,Ltd. R3-NF1-R Datasheet HTML 3Page - M-System Co.,Ltd. R3-NF1-R Datasheet HTML 4Page - M-System Co.,Ltd. R3-NF1-R Datasheet HTML 5Page - M-System Co.,Ltd. R3-NF1-R Datasheet HTML 6Page - M-System Co.,Ltd. R3-NF1-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: R3-NF1
R3-NF1 SPECIFICATIONS
ES-8429 Rev.10 Page 3/7
http://www.m-system.co.jp/
TRANSMISSION DATA DESCRIPTIONS
■ WITHOUT STATUS DATA (SW3-3: OFF)
• INPUT-ONLY or OUTPUT-ONLY DATA
Data areas specified with the side DIP switches are assigned
to each module from Module 1 through Module 7 in turn.
If the total number of I/O points is of 4 or 8, non-existing
data are not sent/received.
• I/O MIXED DATA
Half of the words specified with the KS0 through KS3 are as-
signed to the inputs, the other half to the outputs.
Module 1 is always assigned to the input. Insert the input
modules to the slots 1 and 2, and the output modules to the
slots 3 through 7.
The DIP switches on the front of the module specify each I/O module’s I/O points and I/O type. The DIP switches on the side of the module specify status data.
The allocation area, which is set in order from the slot No. 1, is assigned to the I/O data. I/O module’s data exceeding the configured area is unable.
With input status data ON, the last 2 words of the input data area are used as status data. The status data settng is avaliable for firmware version
1.02 or later. For other versions SW3-3 setting is ignored and the device works as if SW3-3 is off. When I/O data and the status area are duplicated,
status data takes priority.
For example, when the total number of I/O points is of 16, the data areas are assigned as shown below:
Module 1
4
Module 2
4
Module 3
4
Module 4
1
Module 5
1
Module 6
1
Module 7
1
Then the I/O data are assigned as in the figures below:
0
15
+0
+2
+4
+6
+8
+10
+12
+14
Module 1
Module 2
Module 3
Module 4
Module 5
Module 6
Module 7
Begin
Address
0
15
+0
+2
+4
+6
+8
+10
+12
+14
Module 1
Module 2
Module 3
Module 4
Module 5
Module 6
Module 7
Input
(8 points)
Output
(8 points)
Begin
Address



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com