Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-ND2-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3-ND2-R
Description  Remote I/O R3 Series DeviceNet INTERFACE MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-ND2-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3-ND2-R Datasheet HTML 1Page - M-System Co.,Ltd. R3-ND2-R Datasheet HTML 2Page - M-System Co.,Ltd. R3-ND2-R Datasheet HTML 3Page - M-System Co.,Ltd. R3-ND2-R Datasheet HTML 4Page - M-System Co.,Ltd. R3-ND2-R Datasheet HTML 5Page - M-System Co.,Ltd. R3-ND2-R Datasheet HTML 6Page - M-System Co.,Ltd. R3-ND2-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MODEL: R3-ND2
R3-ND2 SPECIFICATIONS
ES-8381 Rev.20 Page 4/7
https://www.m-system.co.jp/
TRANSMISSION DATA DESCRIPTIONS
The DIP SW located at the side of the module specifies each I/O module's data allocation (occupied data area).
For example, when the data areas are assigned as shown below:
Module 1
4
Module 2
4
Module 3
4
Module 4
1
Module 5
1
Module 6
1
Module 7
1
Then the I/O data are assigned as in the figures below:
Module Status, Error Status and Data Error Status are assigned to +32, +33 and +34 respectively.
Each module can handle either input or output data. Input and output cannot be mixed in one module.
Input data from the master device is transferred to the module's output data area. The master device can read from the output
data area the data it has set.
• Module Status indicates whether individual I/O modules are mounted or not. The bit corresponding to the mounted slot
turns to “1,” and the unmounted slot to “0.”
• Error Status indicates error status for each module as described below. The bit corresponding to such module turns to “1.”
R3-TSx, R3-RSx, R3-US4: Input burnout
R3-DA16A:
Power input in error or disconnected
R3-YSx:
Output current error (e.g. load unconnected)
• Data Error Status indicates overrange (R3-US4: out of -10% to +110%; the other types: out of -15% to +115%) status for each
module. The bit corresponding to such module turns to “1.”
0
15
+0
+2
+4
+6
+8
+10
+12
+14
+16
+32
+34
Module 1
Module 2
Module 3
Module 4
Module 5
Module 6
Module 7
Module Status
Error Status
Data Error Status
Begin
Address
0
15
+0
+2
+4
+6
+8
+10
+12
+14
+16
+31
Module 1
Module 2
Module 3
Module 4
Module 5
Module 6
Module 7
Begin
Address
■ OUTPUT DATA
The figure below shows the allocation of the data sent from
the network module to the master.
■ INPUT DATA
The figure below shows the allocation of the data sent from
the master to the network module.
R3-PC16A:
External power supply in error or disconnected



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com