Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-LC2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-LC2
Description  Remote I/O R3 Series STRAIN GAUGE INPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-LC2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-LC2 Datasheet HTML 1Page - M-System Co.,Ltd. R3-LC2 Datasheet HTML 2Page - M-System Co.,Ltd. R3-LC2 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: R3-LC2
R3-LC2 SPECIFICATIONS
ES-8371 Rev.4 Page 2/3
http://www.m-system.co.jp/
PERFORMANCE
Conversion accuracy: Refer to the table at the end of this
section.
Conversion rate: 160 / 80 / 40 / 20 msec. selectable
Data range: 0 – 10000 of the input range
Data allocation: 4
Current consumption: 300 mA
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) of max. span
Excitation supply: 5 V ±250 mV
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(input 1 to input 2 to contact input 1 to contact input 2 to
internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
Conversion accuracy (%) / Resolution (
µV)
RANGE
RATE
160 msec.
80 msec.
40 msec.
20 msec.
0.0 – 1.0mV/V ±0.1 / 0.15
±0.2 / 0.3
±0.4 / 0.6
±0.8 / 1.2
0.0 – 3.0mV/V
±0.1 / 0.5
±0.2 / 1.0
±0.4 / 2.0
±0.8 / 4.0
EXTERNAL VIEW
1
11
12
13
14
15
16
17
18
19
20
2
3
4
5
6
7
8
9
10
■ FRONT VIEW
■ SIDE VIEW
ERR LED
RUN LED
Conv.
Rate
Input 2
Input Range
Input 1
ON
8
7
6
5
4
3
2
1
SW1
SW3
ON
4
3
2
1
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
1
11
12
13
14
15
16
17
18
19
20
2
3
4
5
6
7
8
9
10
27.5 (1.08)
109 (4.29)
POSITIONING
GUIDE
TERMINAL
COVER
20–M3
SCREW



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com