Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-GGLMP Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-GGLMP
Description  Remote I/O R3 Series INTERFACE I/O MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-GGLMP Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-GGLMP Datasheet HTML 1Page - M-System Co.,Ltd. R3-GGLMP Datasheet HTML 2Page - M-System Co.,Ltd. R3-GGLMP Datasheet HTML 3Page - M-System Co.,Ltd. R3-GGLMP Datasheet HTML 4Page - M-System Co.,Ltd. R3-GGLMP Datasheet HTML 5Page - M-System Co.,Ltd. R3-GGLMP Datasheet HTML 6Page - M-System Co.,Ltd. R3-GGLMP Datasheet HTML 7Page - M-System Co.,Ltd. R3-GGLMP Datasheet HTML 8Page - M-System Co.,Ltd. R3-GGLMP Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MODEL: R3-GSLMP1
R3-GSLMP1 SPECIFICATIONS
ES-8275 Rev.2 Page 2/10
https://www.m-system.co.jp/
Baud rate: 10/100 Mbps (Auto Negotiation function)
Protocol: SLMP
Data: Binary
Max. number of socket connections: 1
Max. number of communication entries: 16
Max. number of I/O signals: 128 points (total of analog and
discrete signals)
Transmission media: 10BASE-T (STP, Category 5), 100BASE-
TX (STP, Category 5e)
Max. number of virtual I/O modules: 16
Ethernet indicator LED: LINK, DPLX, LINK10, LINK100, COL
Max. length of fieldbus segment: 100 meters
IP address: 192.168.0.1 (factory setting);
Selectable with PC Configurator Software (model: R3CON)
Connectable devices: MELSEC iQ-R series, MELSEC iQ-F
series, MELSEC Q series
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)
PERFORMANCE
Data Allocation (No. of Occupied Data Areas)
Virtual AI module: 16
Virtual AO module: 16
Virtual DI module: 1
Virtual DO module: 1
Current consumption: 100 mA
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(Ethernet to internal bus or internal power to RUN contact
output)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com