Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-GGLMP/Q Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R3-GGLMP/Q
Description  Remote I/O R3 Series INTERFACE I/O MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-GGLMP/Q Datasheet(HTML) 6 Page - M-System Co.,Ltd.

Back Button R3-GGLMP/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-GGLMP/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-GGLMP/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-GGLMP/Q Datasheet HTML 5Page - M-System Co.,Ltd. R3-GGLMP/Q Datasheet HTML 6Page - M-System Co.,Ltd. R3-GGLMP/Q Datasheet HTML 7Page - M-System Co.,Ltd. R3-GGLMP/Q Datasheet HTML 8Page - M-System Co.,Ltd. R3-GGLMP/Q Datasheet HTML 9Page - M-System Co.,Ltd. R3-GGLMP/Q Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MODEL: R3-GSLMP1
R3-GSLMP1 SPECIFICATIONS
ES-8275 Rev.2 Page 6/10
https://www.m-system.co.jp/
■ NUMBER of the MODULES and the ADDRESS ALLOCATION
· DEVICE CONFIGURATION EXAMPLE 1
Device setting
I/O TYPE
CH. NO.
SLMP DEVICE
DEVICE ADDRESS
AI
2
SD
0x000
AI
4
D
0x000
AI
8
W
0x000
AI
3
TN
0x000
AI
10
SW
0x000
· Virtual I/O modules configuration
16
16
Virtual AI
module 1
Virtual AI
module 2
1
2
Data Allocation
Slot No.
· Data configuration
CH
ADDRESS
VIRTUAL AI MODULE 1
(SLOT NO.1)
ADDRESS
VIRTUAL AI MODULE 2
(SLOT NO.2)
1
n+0
SD 000
n+16
TN 002
2
n+1
SD 001
n+17
SW 000
3
n+2
D 000
n+18
SW 001
4
n+3
D 001
n+19
SW 002
5
n+4
D 002
n+20
SW 003
6
n+5
D 003
n+21
SW 004
7
n+6
W 000
n+22
SW 005
8
n+7
W 001
n+23
SW 006
9
n+8
W 002
n+24
SW 007
10
n+9
W 003
n+25
SW 008
11
n+10
W 004
n+26
SW 009
12
n+11
W 005
n+27
−
13
n+12
W 006
n+28
−
14
n+13
W 007
n+29
−
15
n+14
TN 000
n+30
−
16
n+15
TN 001
n+31
−
In this example, total numbers of channles are 20 and uses 2 virtual AI modules. Real I/O modules are mounted on Slots No. 1 and
2, however, the network module (R3-NC3) recognizes that each of Slots No. 1 to 3 is occupied. That is, R3-NC3 recognizes R3-SV4
mounted on Slot No.1 as it is and recognizes R3-GSLMP1 mounted on Slot No.2 as divided into two modules and occupying Slots
No. 2 and 3.
1
2
3
4
5
6
R3
-
SV4
R3-BS06
R3
-
GSLMP1
R3
-
NC3
R3
-
PS1
SLOT
REAL MODULE
VIRTUAL MODULE
DATA ALLOCATION NO. OF WORDS
Slot No. 1
R3-SV4
−
4
4 words
Slot No. 2
R3-GSLMP1
R3-GSLMP1 (1/2)
16
16 words
Slot No. 3
No module
R3-GSLMP1 (2/2)
16
16 words
Slot No. 4
No module
−
−
Slot No. 5
R3-NC3
−
−
Slot No. 6
R3-PS1
−
−



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com