Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-MEX2W/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-MEX2W/Q
Description  Remote I/O R3 Series VALVE POSITIONER MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-MEX2W/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-MEX2W/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-MEX2W/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-MEX2W/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-MEX2W/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: R3-MEX2
R3-MEX2 SPECIFICATIONS
ES-8279 Rev.2 Page 1/4
https://www.m-system.co.jp/
Remote I/O R3 Series
VALVE POSITIONER MODULE
(for 2 systems; built-in SSR)
109
(4.29)
27.5 (1.08)
130
(5.12)
mm (inch)
MODEL: R3–MEX2[1][2]
ORDERING INFORMATION
• Code number: R3-MEX2[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3-MEX2W/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01)
VALVE POSITIONER
2: 2 systems
FEEDBACK RESISTANCE
Potentiometer input
CONTROL OUTPUT
Built-in SSR
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
CAUTION
This unit is not designed to be used with the following types
of interface modules (models: R3-NC2, R3-NEIP1, R3-NFx,
R3-NLx).
Please use this unit with interface modules (models: R3-
NC1, R3-NC3, R3-NDx, R3-NE1, R3-NFL1, R3-NM1, R3-NM4,
R3-NP1) of firmware version V2.00 or higher, and interface
modules (models: R3-NM3, R3-NML3) of firmware version
V1.00 or higher.
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Input, Output: M3 separable screw terminal
(torque 0.5 N·m)
Internal power: Via the Installation Base (model: R3-BSx)
Screw terminal: Nickel-plated steel
Full-close position setting range:
0 - 25 % (factory default: 0 %)
Full-open position setting range:
75 - 100 % (factory default: 100 %)
Deadband adjustment:
0.1 – 8.0 % adjustable (factory default: 1.5 %)
Restart limiting timer:
0.5 to 10 sec. (factory default: 2 sec.)
Motor deadlock detecting time:
60 – 1000 sec. (factory default: 120 sec.)
Isolation: Cotrol output 1 to control output 2 to feedback
potentiometer 1 or feedback potentiometer 2 or internal bus
or internal power
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Green LED turns on in normal operating
conditions.
INPUT SPECIFICATIONS
■ Feedback Potentiometer: 100 Ω – 10 kΩ
Minimum span: 50 % of total resistance
Excitation: Approx. 3.3 V DC


Similar Part No. - R3-MEX2W/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-MS4 MSYSTEM-R3-MS4 Datasheet
125Kb / 4P
Remote I/O R3 Series POTENTIOMETER INPUT MODULE
R3-MS4S MSYSTEM-R3-MS4S Datasheet
125Kb / 4P
Remote I/O R3 Series POTENTIOMETER INPUT MODULE
R3-MS4S/CE MSYSTEM-R3-MS4S/CE Datasheet
125Kb / 4P
Remote I/O R3 Series POTENTIOMETER INPUT MODULE
R3-MS4S/Q MSYSTEM-R3-MS4S/Q Datasheet
125Kb / 4P
Remote I/O R3 Series POTENTIOMETER INPUT MODULE
R3-MS4W MSYSTEM-R3-MS4W Datasheet
125Kb / 4P
Remote I/O R3 Series POTENTIOMETER INPUT MODULE
More results

Similar Description - R3-MEX2W/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-DC64C MSYSTEM-R3-DC64C Datasheet
148Kb / 6P
Remote I/O R3 Series
R3-DC32A MSYSTEM-R3-DC32A Datasheet
126Kb / 5P
Remote I/O R3 Series
R3-DC16C MSYSTEM-R3-DC16C Datasheet
119Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-GD1 MSYSTEM-R3-GD1 Datasheet
146Kb / 5P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-GE1 MSYSTEM-R3-GE1 Datasheet
198Kb / 8P
Remote I/O R3 Series INTERFACE I/O MODULE
R3-MS8 MSYSTEM-R3-MS8 Datasheet
140Kb / 5P
Remote I/O R3 Series POTENTIOMETER INPUT MODULE
R3-GSLMP1 MSYSTEM-R3-GSLMP1 Datasheet
205Kb / 10P
Remote I/O R3 Series INTERFACE I/O MODULE
R3-SRR8 MSYSTEM-R3-SRR8 Datasheet
162Kb / 5P
Remote I/O R3 Series
R3-PS1 MSYSTEM-R3-PS1 Datasheet
100Kb / 3P
Remote I/O R3 Series POWER SUPPLY MODULE
R3Y-DAC16D MSYSTEM-R3Y-DAC16D Datasheet
181Kb / 8P
Remote I/O R3 Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com