Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBE20M-R103-S2EP-IO-L Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # OBE20M-R103-S2EP-IO-L
Description  Laser thru-beam sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBE20M-R103-S2EP-IO-L Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  OBE20M-R103-S2EP-IO-L Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBE20M-R103-S2EP-IO-L Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBE20M-R103-S2EP-IO-L Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBE20M-R103-S2EP-IO-L Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
1
Laser thru-beam sensor
OBE20M-R103-S2EP-IO-L
Dimensions
Electrical connection emitter
Electrical connection receiver
Indicators/operating means
Transmitter
Transmitter
Receiver
Receiver
10.2
26.7
15
BN
L+
L-
WH
BK
BU
n.c.
C/Q
BN
L+
BK
WH
BU
C/Q
L-
Q
1
Operating indicator
1
Light-on/Dark-on switch
2
Sensitivity adjuster
3
Operating indicator / dark on
4
Signal indicator
5
Operating indicator / light on
Emitter
Receiver
3
4
1
5
1
2
Model Number
OBE20M-R103-S2EP-IO-L
Laser thru-beam sensor
with fixed cable
Features
• Miniature design with versatile
mounting options
• DuraBeam Laser Sensors - durable
and employable like an LED
• IO-link interface for service and
process data
• Various frequencies for avoiding
mutual interference (cross-talk
immunity)
• Extended temperature range
-40°C ... 60°C
• High degree of protection IP69K
Product information
The R103 series miniature optical sensors
are the first devices of their kind to offer an
end-to-end solution in a small single standard
design — from thru-beam sensor through to a
distance measurement device. As a result of
this design, the sensors are able to perform
practically all standard automation tasks.
The entire series enables sensors to
communicate via IO-Link.
The DuraBeam laser sensors are durable and
can be used in the same way as a standard
sensor.
The use of Multi Pixel Technology gives the
standard sensors a high level of flexibility and
enables them to adapt more effectively to
their operating environment.


Similar Part No. - OBE20M-R103-S2EP-IO-L

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBE20M-R103-S2EP-IO-V31-L PF-OBE20M-R103-S2EP-IO-V31-L Datasheet
652Kb / 5P
Laser thru-beam sensor
More results

Similar Description - OBE20M-R103-S2EP-IO-L

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBE10M-R2-SE0-L PF-OBE10M-R2-SE0-L Datasheet
790Kb / 4P
Laser thru-beam sensor
OBE10M-R2-SE2-L PF-OBE10M-R2-SE2-L Datasheet
790Kb / 4P
Laser thru-beam sensor
OBE10M-R103-S2EP-IO PF-OBE10M-R103-S2EP-IO Datasheet
422Kb / 4P
Laser thru-beam sensor
OBE20M-R100-S2EP-IO-V31-L PF-OBE20M-R100-S2EP-IO-V31-L Datasheet
645Kb / 5P
Laser thru-beam sensor
OBE20M-R101-S2EP-IO-L PF-OBE20M-R101-S2EP-IO-L Datasheet
627Kb / 4P
Laser thru-beam sensor
OBE20M-R101-SEP-IO-V3-L PF-OBE20M-R101-SEP-IO-V3-L Datasheet
703Kb / 5P
Laser thru-beam sensor
OBE40M-R200-S2EP-IO-L PF-OBE40M-R200-S2EP-IO-L Datasheet
568Kb / 4P
Laser thru-beam sensor
OBE500-R2F-SE0-L PF-OBE500-R2F-SE0-L Datasheet
772Kb / 4P
Laser thru-beam sensor
OBE1000-R2-SE2-L PF-OBE1000-R2-SE2-L Datasheet
789Kb / 4P
Laser thru-beam sensor
OBE40M-R200-S2EP-IO-V1-L PF-OBE40M-R200-S2EP-IO-V1-L Datasheet
623Kb / 5P
Laser thru-beam sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com