Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2103YML-TR Datasheet(PDF) 32 Page - Microchip Technology

Part # MIC2103YML-TR
Description  75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2103YML-TR Datasheet(HTML) 32 Page - Microchip Technology

Back Button MIC2103YML-TR Datasheet HTML 28Page - Microchip Technology MIC2103YML-TR Datasheet HTML 29Page - Microchip Technology MIC2103YML-TR Datasheet HTML 30Page - Microchip Technology MIC2103YML-TR Datasheet HTML 31Page - Microchip Technology MIC2103YML-TR Datasheet HTML 32Page - Microchip Technology MIC2103YML-TR Datasheet HTML 33Page - Microchip Technology MIC2103YML-TR Datasheet HTML 34Page - Microchip Technology MIC2103YML-TR Datasheet HTML 35Page - Microchip Technology MIC2103YML-TR Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
MIC2103/4
DS20005899A-page 32
 2017 Microchip Technology Inc.
EQUATION 5-28:
If the voltage divider resistors R1 and R2 are in the kΩ
range, then a Cff of 1 nF to 100 nF can easily satisfy the
large time constant requirements. Also, a 100 nF
injection capacitor Cinj is used in order to be considered
as short for a wide range of the frequencies.
The process of sizing the ripple injection resistor and
capacitors is:
1.
Select Cff to feed all output ripples into the feed-
back pin and make sure the large time constant
assumption is satisfied. Typical choice of Cff is
1 nF to 100 nF if R1 and R2 are in kΩ range.
2.
Select Rinj according to the expected feedback
voltage ripple using Equation 5-29:
EQUATION 5-29:
Then the value of Rinj is obtained as:
EQUATION 5-30:
3.
Select Cinj as 100 nF, which could be consid-
ered as short for a wide range of the frequen-
cies.
1
f
SW
-----------------
T
--- 1
«
=
K
DIV
V
FB PP

V
IN
-----------------------
f
SW
D
1 D
–

----------------------------
=
R
inj
R1//R2

1
K
DIV
------------ 1
–


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com