Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2127AYML-TR Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC2127AYML-TR
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2127AYML-TR Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC2127AYML-TR Datasheet HTML 17Page - Microchip Technology MIC2127AYML-TR Datasheet HTML 18Page - Microchip Technology MIC2127AYML-TR Datasheet HTML 19Page - Microchip Technology MIC2127AYML-TR Datasheet HTML 20Page - Microchip Technology MIC2127AYML-TR Datasheet HTML 21Page - Microchip Technology MIC2127AYML-TR Datasheet HTML 22Page - Microchip Technology MIC2127AYML-TR Datasheet HTML 23Page - Microchip Technology MIC2127AYML-TR Datasheet HTML 24Page - Microchip Technology MIC2127AYML-TR Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
 2016 Microchip Technology Inc.
DS20005676B-page 21
MIC2127A
EQUATION 4-4:
Since MOSFET RDS(ON) varies from 30%-40% with
temperature, it is recommended to consider the
RDS(ON) variation while calculating RCL in the above
equation, to avoid false current limiting due to
increased MOSFET junction temperature rise. Also
connect the SW pin directly to the drain of the low-side
MOSFET to accurately sense the MOSFETs RDS(ON).
To improve the current limit variation, the MIC2127A
adjusts the internal source current of the current limit
(ICL) at a rate of 0.3 µA/°C when the MIC2127A
junction temperature changes to compensate the
RDS(ON) variation of external low-side MOSFET. The
effectiveness of this method depends on the thermal
gradient between the MIC2127A and the external
low-side MOSFET. The lower the thermal gradient, the
better the current limit variation.
A small capacitor (CCL) can be connected from the ILIM
pin to PGND to filter the switch node ringing during the
OFF time, allowing a better current sensing. The time
constant of RCL and CCL should be less than the
minimum OFF time.
4.4
Negative Current Limit
The MIC2127A implements negative current limit by
sensing the SW voltage when the low-side FET is ON.
If the SW node voltage exceeds 48 mV typical, the
device turns off the low-side FET for 500 ns. Negative
current limit value is shown in Equation 4-5.
EQUATION 4-5:
4.5
High-Side MOSFET Gate Drive
(DH)
The MIC2127A's high-side drive circuit is designed to
switch
an
N-Channel
external
MOSFET.
The
MIC2127A Functional Block diagram shows a
bootstrap diode between the PVDD and BST pins. This
circuit supplies energy to the high-side drive circuit. A
low ESR ceramic capacitor should be connected
between BST and SW pins (refer to the Typical
Application circuit).The capacitor between BST and
SW pins, CBST, is charged while the low-side MOSFET
is on. When the high-side MOSFET driver is turned on,
energy from CBST is used to turn the MOSFET on. A
minimum of 0.1 µF low ESR ceramic capacitor is
recommended between BST and SW pins. The
required value of CBST can be calculated using the
following Equation 4-6:
EQUATION 4-6:
A small resistor in series with CBST can be used to slow
down the turn-on time of the high-side N-channel
MOSFET.
4.6
Low-Side MOSFET Gate Drive (DL)
The MIC2127A's low-side drive circuit is designed to
switch an N-Channel external MOSFET. The internal
low-side MOSFET driver is powered by PVDD. Connect
a minimum of 4.7 µF low-ESR ceramic capacitor to
supply the transient gate current of the external
MOSFET.
4.7
Auxiliary Bootstrap LDO
(EXTVDD)
The MIC2127A features an auxiliary bootstrap LDO
that improves the system efficiency by supplying the
MIC2127A internal circuit bias power and gate drivers
from the converter output voltage. This LDO is enabled
when the voltage on the EXTVDD pin is above 4.6V
(typical) and, at the same time, the main LDO that
operates from VIN is disabled to reduce power
consumption.
R
CL
I
CLIM
IL
PP
2
----------------
+


R
DS ON

V
OFFSET
+
I
CL
--------------------------------------------------------------------------------------------------
=
Where:
ICLIM
= Load current limit
RDS (ON) = On-resistance of low-side power MOSFET
ILPP
= Inductor peak-to-peak ripple current
VOFFSET = Current-limit comparator offset (15 mV max.)
ICL
= Current-limit source current (100 µA typ)
I
NLIM
48mV
R
DS ON

--------------------
=
Where:
INLIM
= Negative current limit
RDS (ON) = On-resistance of low-side power MOSFET
C
BST
Q
G_HS
V
BST
----------------
=
Where:
QG_HS
= High-side MOSFET total gate charge
VBST
= Drop across the CBST,
generally 50 mV to 100 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com