Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC7122YMM Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC7122YMM
Description  Rail-to-Rail Dual Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC7122YMM Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC7122YMM Datasheet HTML 9Page - Microchip Technology MIC7122YMM Datasheet HTML 10Page - Microchip Technology MIC7122YMM Datasheet HTML 11Page - Microchip Technology MIC7122YMM Datasheet HTML 12Page - Microchip Technology MIC7122YMM Datasheet HTML 13Page - Microchip Technology MIC7122YMM Datasheet HTML 14Page - Microchip Technology MIC7122YMM Datasheet HTML 15Page - Microchip Technology MIC7122YMM Datasheet HTML 16Page - Microchip Technology MIC7122YMM Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
VOUT
0V to V+
V+
VIN
0V to V+
1 2
MIC7122
VOUT = VIN
 2020 Microchip Technology Inc.
DS20006290A-page 13
MIC7122
FIGURE 3-5:
Voltage Follower/Buffer.
VOUT
0V to V+
V+
VIN
0V to 2V
1 2
MIC7122
RS
10Ω
1 2W
VS
0.5V to Q1 VCEO(sus)
IOUT
Q1
2N3904
VCEO = 40V
IC(max) = 200mA
{
Change Q1 and RS
for higher current
and/or different gain.
I
V
R
100mA/V as shown
OUT
IN
S
==
FIGURE 3-6:
Voltage-Controlled Current
Sink.
V+
0V
R4
100k
R4
100k
R3
100k
VOUT
V+
1 2
MIC7122
C1
0.001μF
R2
100k
V+
FIGURE 3-7:
Square Wave Oscillator.
R3
330k
R1
33k
0V
R2
330k
R4
330k
C1
1μF
VOUT
V+
1 2
MIC7122
IN
V+
COUT
RL
A
R2
R1
330k
33k
10
V =−
=
=−
C
FIGURE 3-8:
AC-Coupled Inverting
Amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com