Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSUP10M60SH Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSUP10M60SH
Description  10A, 60V Trench Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSUP10M60SH Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSUP10M60SH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSUP10M60SH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSUP10M60SH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSUP10M60SH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSUP10M60SH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSUP10M60SH
Taiwan Semiconductor
1
Version: B2103
10A, 60V Trench Schottky Rectifier
FEATURES
● AEC-Q101 qualified
● Patented Trench Schottky technology
● Low power loss, high efficiency
● Ideal for automated placement
● Wettable flank
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● Switching mode power supply (SMPS)
● Adapters
● Lighting application
● On-board DC/DC converter
● Automotive
MECHANICAL DATA
● Case: TO-277A (SMPC4.6U)
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.104g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
10
A
VRRM
60
V
IFSM
220
A
TJ MAX
175
°C
Package
TO-277A (SMPC4.6U)
Configuration
Single die
TO-277A (SMPC4.6U)
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
TSUP10M60SH
UNIT
Marking code on the device
10M60
Repetitive peak reverse voltage
VRRM
60
V
Reverse voltage, total rms value
VR(RMS)
42
V
Forward current
IF
10
A
Surge peak forward current single half
sine-wave superimposed on rated load
t = 8.3ms
IFSM
220
A
t = 1.0ms
330
Junction temperature
TJ
-55 to +175
°C
Storage temperature
TSTG
-55 to +175
°C


Similar Part No. - TSUP10M60SH

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSUP10M45SH TSC-TSUP10M45SH Datasheet
432Kb / 5P
10A, 45V Trench Schottky Rectifier
More results

Similar Description - TSUP10M60SH

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
C10S120CT CITC-C10S120CT Datasheet
467Kb / 3P
10A Trench Schottky Rectifier
C10100CS CITC-C10100CS Datasheet
517Kb / 3P
10A Trench Schottky Rectifier
CF10L100CT CITC-CF10L100CT Datasheet
468Kb / 3P
10A Trench Schottky Rectifier
CF10S100CT CITC-CF10S100CT Datasheet
475Kb / 3P
10A Trench Schottky Rectifier
MBRF10L45CT-T CITC-MBRF10L45CT-T Datasheet
518Kb / 3P
10A Trench Schottky Rectifier
MBRF10L100CT-T CITC-MBRF10L100CT-T Datasheet
512Kb / 3P
10A Trench Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSSD10L45SW TSC-TSSD10L45SW Datasheet
338Kb / 6P
10A, 45V - 60V Trench Schottky Rectifier
TST10L60CW TSC-TST10L60CW Datasheet
201Kb / 4P
10A, 60V Trench Schottky Rectifier
TST10H60C TSC-TST10H60C Datasheet
523Kb / 5P
10A, 60V Dual Common Cathode Trench Schottky Rectifier
logo
Diodes Incorporated
SDT10100CT DIODES-SDT10100CT Datasheet
773Kb / 6P
10A TRENCH SCHOTTKY RECTIFIER
February 2022 Rev. 4 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com