Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSUP10M45SH Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSUP10M45SH
Description  10A, 45V Trench Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSUP10M45SH Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSUP10M45SH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSUP10M45SH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSUP10M45SH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSUP10M45SH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSUP10M45SH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSUP10M45SH
Taiwan Semiconductor
1
Version: B2103
10A, 45V Trench Schottky Rectifier
FEATURES
● AEC-Q101 qualified
● Patented Trench Schottky technology
● Low power loss, high efficiency
● Ideal for automated placement
● Wettable flank
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● Switching mode power supply (SMPS)
● Adapters
● Lighting application
● On-board DC/DC converter
● Automotive
MECHANICAL DATA
● Case: TO-277A (SMPC4.6U)
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.104g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
10
A
VRRM
45
V
IFSM
220
A
TJ MAX
175
°C
Package
TO-277A (SMPC4.6U)
Configuration
Single die
TO-277A (SMPC4.6U)
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
TSUP10M45SH
UNIT
Marking code on the device
10M45
Repetitive peak reverse voltage
VRRM
45
V
Reverse voltage, total rms value
VR(RMS)
32
V
Forward current
IF
10
A
Surge peak forward current single half
sine-wave superimposed on rated load
t = 8.3ms
IFSM
220
A
t = 1.0ms
330
Junction temperature
TJ
-55 to +175
°C
Storage temperature
TSTG
-55 to +175
°C


Similar Part No. - TSUP10M45SH

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSUP10M60SH TSC-TSUP10M60SH Datasheet
432Kb / 5P
10A, 60V Trench Schottky Rectifier
More results

Similar Description - TSUP10M45SH

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSP10U45S TSC-TSP10U45S_15 Datasheet
233Kb / 5P
10A, 45V Trench Schottky Rectifier
logo
DONGGUAN YOU FENG WEI E...
P10V45-TO277 YFWDIODE-P10V45-TO277 Datasheet
709Kb / 4P
10A 45V MOS Schottky Rectifier
P10V50SP-TO277 YFWDIODE-P10V50SP-TO277 Datasheet
709Kb / 4P
10A 45V MOS Schottky Rectifier
P10V60SP-TO277 YFWDIODE-P10V60SP-TO277 Datasheet
709Kb / 4P
10A 45V MOS Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSSD10L45SW TSC-TSSD10L45SW Datasheet
338Kb / 6P
10A, 45V - 60V Trench Schottky Rectifier
logo
PFC Device Inc.
P10V45SP PFC-P10V45SP Datasheet
723Kb / 5P
10A 45V MOS Schottky Rectifier
PFR10L45CT PFC-PFR10L45CT Datasheet
774Kb / 7P
10A 45V MOS Schottky Rectifier
PFR10V45CT PFC-PFR10V45CT Datasheet
774Kb / 7P
10A 45V MOS Schottky Rectifier
PFS10L45 PFC-PFS10L45 Datasheet
565Kb / 5P
10A 45V MOS Schottky Rectifier
logo
Taiwan Semiconductor Co...
TST10H45C TSC-TST10H45C Datasheet
522Kb / 5P
10A, 45V Dual Common Cathode Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com