Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSSW3U60H Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSSW3U60H
Description  3A, 45V - 60V Low VF Trench Schottky Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSSW3U60H Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSSW3U60H Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSSW3U60H Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSSW3U60H Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSSW3U60H Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSSW3U60H Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSSW3U45H
– TSSW3U60H
Taiwan Semiconductor
1
Version: A2103
3A, 45V - 60V Low VF Trench Schottky Surface Mount Rectifier
FEATURES
● AEC-Q101 qualified
● Patented Trench Schottky technology
● Excellent high temperature stability
● Low forward voltage
● Lower power loss/ high efficiency
● High forward surge capability
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● Low voltage, high freq. inverter
● DC/DC converter
● Freewheeling diodes
● Reverse battery protection
● Car lighting
MECHANICAL DATA
● Case: SOD-123W
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.016g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
3
A
VRRM
45 - 60
V
IFSM
50
A
TJ MAX
150
°C
Package
SOD-123W
Configuration
Single die
SOD-123W
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
TSSW3U45H
TSSW3U60H
UNIT
Marking code on the device
W3U45
W3U60
Repetitive peak reverse voltage
VRRM
45
60
V
Reverse voltage, total rms value
VR(RMS)
31
42
V
Forward current
IF
3
A
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
IFSM
50
A
Junction temperature
TJ
- 55 to +150
°C
Storage temperature
TSTG
- 55 to +150
°C


Similar Part No. - TSSW3U60H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSSW3U60 TSC-TSSW3U60 Datasheet
295Kb / 4P
3A, 45V - 60V Trench Schottky Rectifiers
More results

Similar Description - TSSW3U60H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSSA3U45 TSC-TSSA3U45_15 Datasheet
190Kb / 4P
3A, 45V Trench Schottky Rectifier
TSSE3H45 TSC-TSSE3H45 Datasheet
207Kb / 5P
3A, 45V - 60V Trench Schottky Rectifiers
TSSE3U45 TSC-TSSE3U45 Datasheet
208Kb / 5P
3A, 45V - 60V Trench Schottky Rectifiers
TSSD10L45SW TSC-TSSD10L45SW Datasheet
338Kb / 6P
10A, 45V - 60V Trench Schottky Rectifier
TSSD20L45SW TSC-TSSD20L45SW Datasheet
344Kb / 6P
20A, 45V - 60V Trench Schottky Rectifier
TSSW3U45 TSC-TSSW3U45 Datasheet
295Kb / 4P
3A, 45V - 60V Trench Schottky Rectifiers
TSSE3U45H TSC-TSSE3U45H Datasheet
447Kb / 5P
3A, 45V - 60V Low VF Trench Schottky Surface Mount Rectifier
TSSE3H45H TSC-TSSE3H45H Datasheet
445Kb / 5P
3A, 45V - 60V Trench Schottky Surface Mount Rectifier
TSSA3U60H TSC-TSSA3U60H Datasheet
374Kb / 5P
3A, 60V Trench Schottky Surface Mount Rectifier
TSSA3U45H TSC-TSSA3U45H Datasheet
362Kb / 5P
3A, 45V Trench Schottky Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com