Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTST-C250TGKT Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTST-C250TGKT
Description  SMD LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-C250TGKT Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTST-C250TGKT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-C250TGKT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-C250TGKT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-C250TGKT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-C250TGKT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-C250TGKT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-C250TGKT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-C250TGKT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-C250TGKT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1/11
Part No. : LTST-C250TGKT
BNS-OD-FC002/A4
SMD LED
LTST-C250TGKT
1. Description
SMD LED lamps from Lite-On are available in miniature sizes and special configurations for automated PC board assembly and
space-sensitive applications. These SMD LED lamps are suitable for use in a wide variety of electronic equipment, including
cordless and cellular phones, notebook computers, network systems, home appliances, and indoor signboard applications.
1.1 Features
Meet RoHS
Reverse mount Chip LED
Ultra bright InGaN Chip LED
Package in 8mm tape on 7" diameter reels.
EIA STD package
I.C. compatible
Compatible with automatic placement equipment
Compatible with infrared reflow solder process
1.2 Applications
Telecommunication, Office automation, home appliances,
industrial equipment
Keypad/Keyboard Backlighting
Status indicator
Micro-displays
Signal and Symbol Luminary
2. Package Dimensions
Part No.
Lens Color
Source Color
LTST-C250TGKT
Water Clear
InGaN Green
Notes:
1.
All dimensions are in millimeters.
2.
Tolerance is ±0.1 mm (.004") unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com