Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

533432 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 533432
Description  Quarter turn actuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

533432 Datasheet(HTML) 2 Page - Festo Corporation.

  533432 Datasheet HTML 1Page - Festo Corporation. 533432 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Corrosion resistance class (CRC)
3 - High corrosion stress
Ambient temperature
-20 °C ... 80 °C
Torque at nominal operating pressure and 0° swivel angle
37.6 Nm
Torque at nominal operating pressure and 50° swivel angle
20.7 Nm
Torque at nominal operating pressure and 90° swivel angle
31.3 Nm
Note about the torque
The actuator's operating torque must not be higher than the maximum
permissible torque listed in ISO 5211, based on the size of the mounting
flange and the coupling.
Spring return torque at 0° swivel angle
12.5 Nm
Spring return torque with 50° swivel angle
9.4 Nm
Spring return torque with 90° swivel angle
18.8 Nm
Spring force
2
Air consumption at 6 bar per cycle 0°-nominal swivel angle-0°
1.19 l
Product weight
1950 g
Shaft connection
T14
Pneumatic connection
G1/8
Note on materials
RoHS-compliant
Cover material
Wrought aluminum alloy
Seals material
FPM
NBR
PUR
Housing material
Wrought aluminum alloy
Material of screws
High-alloy steel
Shaft material
High-alloy steel
Material number for shaft
1.4305
8/5/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com