Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RO2102 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RO2102
Description  423.22 MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RO2102 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RO2102 Datasheet HTML 1Page - RF Monolithics, Inc RO2102 Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-9148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RO2102-102599
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency (+25 °C)
Absolute Frequency
fC
2, 3, 4, 5
423.145
423.295
MHz
Tolerance from 423.220 MHz
∆f
C
±75
kHz
Insertion Loss
IL
2, 5, 6
1.4
2.0
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
12,300
50
Ω Loaded Q
QL
1,900
Temperature Stability
Turnover Temperature
TO
6, 7, 8
10
25
40
°C
Turnover Frequency
fO
fc
kHz
Frequency Temperature Coefficient
FTC
0.037
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1
≤10
ppm/yr
DC Insulation Resistance between Any Two Pins
5
1.0
M
Ω
RF Equivalent RLC Model
Motional Resistance
RM
5, 7, 9
18
26
Ω
Motional Inductance
LM
82.9978
µH
Motional Capacitance
CM
1.70389
fF
Pin 1 to Pin 2 Static Capacitance
CO
5, 6, 9
1.8
2.1
2.4
pF
Transducer Static Capacitance
CP
5, 6, 7, 9
1.8
pF
Test Fixture Shunt Inductance
LTEST
2, 7
67
nH
Lid Symbolization (in Addition to Lot and/or Date Codes)
RFM RO2102
TO39-3 Case
•
Ideal for European Superhet Receivers at 433.92 MHz
•
Extremely Low Series Resistance
•
Quartz Stability
•
Rugged, Hermetic, Low-Profile TO39 Case
•
Complies with Directive 2002/95/EC (RoHS)
The RO2102 is a true one-port, surface-acoustic-wave (SAW) resonator in a low-profile TO39 case. It pro-
vides reliable, fundamental-mode, quartz frequency stabilization of fixed-frequency oscillators operating at
approximately 393.26 MHz. The RO2102 is designed for 433.92 MHz superhet receivers (with 10.7 MHz IF)
in remote-control and wireless security applications operating in Europe under ETSI I-ETS 300 220 and in
Germany under FTZ 17 TR 2100.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation
+0
dBm
DC Voltage Between Any Two Pins
±30
VDC
Case Temperature
-40 to +85
°C
423.22 MHz
SAW
Resonator
RO2102
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency aging is the change in fC with time and is specified at +65°C or less.
Aging may exceed the specification for prolonged temperatures above +65°C.
Typically, aging is greatest the first year after manufacture, decreasing signifi-
cantly in subsequent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point, ILMIN,
with the resonator in the 50
Ω test system (VSWR ≤ 1.2:1). The shunt induc-
tance, LTEST, is tuned for parallel resonance with CO at fC. Typically, fOSCILLA-
TOR or fTRANSMITTER is less than the resonator fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197 and others pending.
4.
Typically, equipment designs utilizing this device require emissions testing and
government approval, which is the responsibility of the equipment manufacturer.
5.
Unless noted otherwise, case temperature TC = +25°C±2°C.
6.
The design, manufacturing process, and specifications of this device are subject
to change without notice.
7.
Derived mathematically from one or more of the following directly measured
parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover) fre-
quency, fO. The nominal frequency at any case temperature, TC, may be calcu-
lated from: f= fO [1- FTC (TO -TC)
2]. Typically, oscillator T
O is 20°C less than
the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the reso-
nant frequency and is provided for reference only. The capacitance CO is the
static (nonmotional) capacitance between pin1 and pin 2 measured at low fre-
quency (10 MHz) with a capacitance meter. The measurement includes case
parasitic capacitance with a floating case. For usual grounded case applica-
tions (with ground connected to either pin 1 or pin 2 and to the case), add
approximately 0.25 pF to CO.
Pb


Similar Part No. - RO2102

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2102A RFM-RO2102A Datasheet
169Kb / 2P
423.22 MHz SAW Resonator
RO2102A-1 RFM-RO2102A-1 Datasheet
98Kb / 2P
423.22 MHz SAW Resonator
More results

Similar Description - RO2102

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2102A RFM-RO2102A Datasheet
169Kb / 2P
423.22 MHz SAW Resonator
RO2102A-1 RFM-RO2102A-1 Datasheet
98Kb / 2P
423.22 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0228A TAI-SAW-TC0228A Datasheet
426Kb / 7P
SAW Resonator 423.22 MHz
logo
Murata Manufacturing Co...
RO3102 MURATA-RO3102 Datasheet
191Kb / 2P
423.22 MHz SAW Resonator
RO3102A MURATA-RO3102A Datasheet
392Kb / 2P
423.22 MHz SAW Resonator
RO3102A-1 MURATA-RO3102A-1 Datasheet
392Kb / 2P
423.22 MHz SAW Resonator
RP1298-2 MURATA-RP1298-2 Datasheet
127Kb / 2P
423.22 MHz SAW Resonator
RP1298 MURATA-RP1298_15 Datasheet
253Kb / 2P
423.22 MHz SAW Resonator
RP1298-2 MURATA-RP1298-2_15 Datasheet
254Kb / 2P
423.22 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0149E TAI-SAW-TC0149E Datasheet
744Kb / 4P
SAW Resonator 423.22 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com