Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT78C1501 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT78C1501
Description  DVD / CD ATAPI CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT78C1501 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT78C1501 Datasheet HTML 1Page - ATMEL Corporation AT78C1501 Datasheet HTML 2Page - ATMEL Corporation AT78C1501 Datasheet HTML 3Page - ATMEL Corporation AT78C1501 Datasheet HTML 4Page - ATMEL Corporation AT78C1501 Datasheet HTML 5Page - ATMEL Corporation AT78C1501 Datasheet HTML 6Page - ATMEL Corporation AT78C1501 Datasheet HTML 7Page - ATMEL Corporation AT78C1501 Datasheet HTML 8Page - ATMEL Corporation AT78C1501 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
AT78C1501
2049A–DVD–07/02
Figure 1. DVD System Block Diagram
Note:
1. Values listed are advance information and are likely to change as production silicon is characterized.
Table 1. DC Parameters
Symbol
Parameter
Min
Nom
Max
Units
Notes
VCC
Supply Voltage
3.0
3.3
3.6
V
ICC
Operating Current
500
mA
Note 1
Sled
Focus
Spindle
Laser
T08XX
Laser Amp
AT78C1505
Pre-amp
Power
Drivers
DRAM
AT78C1501
ATAPI I/F
Controller
DBM
ECC
SRAM
ARM7TDMI
AT78C1502
Servo
Control
System
Flash
AT78C1503
Read
Channel
AT78C1504
Laser Power
Controller
AT78C1507
Read
Channel Adj.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com