Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBR15M-R200-2EP1-IO-V1 Datasheet(PDF) 5 Page - Pepperl+Fuchs Inc.

Part # OBR15M-R200-2EP1-IO-V1
Description  Retroreflective sensor with polarization filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBR15M-R200-2EP1-IO-V1 Datasheet(HTML) 5 Page - Pepperl+Fuchs Inc.

  OBR15M-R200-2EP1-IO-V1 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBR15M-R200-2EP1-IO-V1 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBR15M-R200-2EP1-IO-V1 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBR15M-R200-2EP1-IO-V1 Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBR15M-R200-2EP1-IO-V1 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
If you press the light-on / dark-on changeover switch for more than 4 seconds, the light-on / dark-on mode changes back to the original setting. On
release of the light-on / dark-on changeover switch the current state is activated.
Restore Factory Settings
Press the light-on / dark-on changeover switch for more than 10 seconds (less than 30 seconds) until all LEDs turn off. On release of the light-on /
dark-on changeover switch the signal indicator turns on. After 5 seconds the sensor resumes operation with factory default settings.
After 5 minutes of inactivity the sensing range / sensitivity adjustment is locked. In order to reactivate the sensing range / sensitivity adjustment,
turn the sensing range / sensitivity adjuster for more than 180 degrees.
Accessories
IO-Link-Master02-USB
IO-Link master, supply via USB port or separate power supply, LED indicators, M12 plug for sensor
connection
REF-H85-2
Reflector, rectangular 84.5 mm x 84.5 mm, mounting holes
REF-C110-2
Reflector, round ø 84 mm, central mounting hole
REF-H50
Reflector, rectangular 51 mm x 61 mm, mounting holes, fixing strap
REF-VR10
Reflector, rectangular 60 mm x 19 mm, mounting holes
OFR-100/100
Reflective tape 100 mm x 100 mm
V1-G-2M-PUR
Female cordset single-ended M12 straight A-coded, 4-pin, PUR cable grey
V1-W-2M-PUR
Female cordset single-ended M12 angled A-coded, 4-pin, PUR cable grey
OMH-MLV12-HWG
Mounting bracket for series MLV12 sensors
OMH-R200-01
Mounting aid for round steel ø 12 mm or sheet 1.5 mm ... 3 mm
OMH-MLV12-HWK
Mounting bracket for series MLV12 sensors
OMH-R20x-Quick-Mount Quick mounting accessory
Retroreflective sensor with polarization filter
OBR15M-R200-2EP1-IO-V1
5
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com