Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBR50M-R300-2P1-V1 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # OBR50M-R300-2P1-V1
Description  Retroreflective sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBR50M-R300-2P1-V1 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  OBR50M-R300-2P1-V1 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBR50M-R300-2P1-V1 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBR50M-R300-2P1-V1 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Retroreflective sensor
OBR50M-R300-2P1-V1
2
Technical data
General specifications
Effective detection range
0 ... 50 m
Reflector distance
0.2 ... 50 m
Reference target
3 x REF-H100
Light source
LED
Light type
modulated visible red light
LED risk group labelling
exempt group
Angle deviation
max. ± 2°
Measuring method
Pulse Ranging Technology (PRT)
Diameter of the light spot
approx. 16 cm x 18 cm at a distance of 10 m
Ambient light limit
50000 Lux
Window width
100 mm
Functional safety related parameters
MTTFd
100 a
Mission Time (TM)
10 a
Diagnostic Coverage (DC)
0 %
Indicators/operating means
Operation indicator
LED green
Function indicator
2 LEDs yellow for switching state
Control elements
Teach-In key
Electrical specifications
Operating voltage
UB
10 ... 30 V DC
Ripple
10 % within the supply tolerance
No-load supply current
I0
≤ 80 mA / 24 V DC
Time delay before availability
tv
< 0.7 s , for temperatures <-30°C compliance of the specification
5 mins after power on
Output
Switching type
Q - Pin4: NPN normally closed / light-on, PNP normally open /
dark-on
/Q - Pin2: NPN normally open / dark-on, PNP normally closed /
light-on
Signal output
2 push-pull (4 in 1) outputs, short-circuit protected, reverse
polarity protected
Switching voltage
max. 30 V DC
Switching current
max. 100 mA
Switching frequency
f
50 Hz
Response time
5 ms
Conformity
Product standard
EN 60947-5-2
Ambient conditions
Ambient temperature
-40 ... 55 °C (-40 ... 131 °F)
Storage temperature
-40 ... 70 °C (-40 ... 158 °F)
Mechanical specifications
Housing width
25.8 mm
Housing height
88 mm
Housing depth
54.3 mm
Degree of protection
IP67
Connection
4-pin, M12 x 1 connector
Material
Housing
Plastic ABS
Optical face
PMMA
Mass
90 g
Approvals and certificates
UL approval
E87056 , cULus Listed , class 2 power supply , type rating 1
Other suitable accessories can be found at
www.pepperl-fuchs.com
Accessories
OMH-05
Mounting aid for round steel ø 12 mm or
sheet 1.5 mm ... 3 mm
OMH-07-01
Mounting aid for round steel ø 12 mm or
sheet 1.5 mm ... 3 mm
OMH-21
Mounting bracket
OMH-22
Mounting bracket
OMH-VDM28-01
Metal enclosure for inserting protective
panes or apertures
OMH-VDM28-02
Mounting and fine adjustment device for
sensors from the 28 series
OMH-RLK29-HW
Mounting bracket for rear wall mounting
OMH-K01
dove tail mounting clamp
OMH-K03
dove tail mounting clamp
V1-W-2M-PUR
Female cordset, M12, 4-pin, PUR cable
V1-G-2M-PUR
Female cordset, M12, 4-pin, PUR cable



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com