Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBR50M-R300-2PP-V1 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # OBR50M-R300-2PP-V1
Description  Retroreflective sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBR50M-R300-2PP-V1 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  OBR50M-R300-2PP-V1 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBR50M-R300-2PP-V1 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBR50M-R300-2PP-V1 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Retroreflective sensor
OBR50M-R300-2PP-V1
3
Mounting instructions:
The sensor can be mounted directly by means of thru-holes or by using a fixing bracket or mounting clamp (not included in the scope of delivery).
Ensure that the surface is level in order to prevent the housing from becoming distorted when the fittings are tightened. It is advisable to secure
the nuts and screws to prevent the sensor from being misaligned.
Connection:
Connect the device as set out in the connection diagram.
Adjustment:
The green LED lights up when the operating voltage is applied.
Adjust the sensor so that the light spot is on the center of the reflector.
The yellow sensor LEDs light up.
A pressure equalization membrane is fitted on the sensor nameplate.
When mounting, make sure that the pressure equalization membrane is not sealed off.
Teach-in:
To ensure reliable functionality, save the position of the reflector by using the Teach-in procedure.
Press the "TI" button (for approx. 2 s) until the yellow and green LEDs flash in phase.
Teach-in begins once the "TI" button is released.
Successful Teach-in: Yellow and green LEDs flash alternately (2.5 Hz). After successful Teach-in, the output and LED change their status.
Unsuccessful Teach-in: Yellow and green LEDs flash alternately very quickly (8 Hz). After an unsuccessful Teach-in, the sensor continues to
operate with the previous valid setting after the relevant visual fault signal is issued.
Every taught-in reflector position can be retaught (overwritten) by pressing the "TI" button again.
Deleting the Taught-in Reflector Position:
To delete a taught-in reflector position, press and hold the "TI" button for > 4 s until the yellow and green LEDs go out. Release the "TI" button.
The saved reflector position is deleted. The yellow and green lights will flash alternately (2.5 Hz) to confirm that the deletion has occurred.
Curves/Diagrams
Intended Use
Installation Note
Operating Concept
Reflector type
Reflector-dependent effective operating distances
Distance X [m]
H160
OFR-100/100
H50
C110
H100
OFR-500/500
3 x H100
0
5
10
15
20
25
30
35
40
45
50
50 m
35 m
28 m
25 m
20 m
0.2 m
50 m
0.2 m
0.2 m
0.2 m
0.2 m
0.2 m
9 m
0.2 m



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com